Electronic Components Datasheet Search
  English  ▼

X  

ADATE320KCPZ Datasheet(PDF) 53 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 53 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 49Page - Analog Devices ADATE320KCPZ Datasheet HTML 50Page - Analog Devices ADATE320KCPZ Datasheet HTML 51Page - Analog Devices ADATE320KCPZ Datasheet HTML 52Page - Analog Devices ADATE320KCPZ Datasheet HTML 53Page - Analog Devices ADATE320KCPZ Datasheet HTML 54Page - Analog Devices ADATE320KCPZ Datasheet HTML 55Page - Analog Devices ADATE320KCPZ Datasheet HTML 56Page - Analog Devices ADATE320KCPZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
Data Sheet
ADATE320
THEORY OF OPERATION
analog.com
Rev. C | 53 of 78
pens when a DAC update command is written before the previous
update command finishes its deglitch and settling sequence.
Figure 129. SPI DAC Write Timing Diagram and Settling of DC Levels
DAC Levels and VTHERM Pin Transfer Function
Table 24. Detailed DAC Code to/from Voltage Level Transfer Functions
Level
Programmable Range
(0x0000 to 0xFFFF)
DAC-to-Level and Level-to-DAC Transfer Functions
VILx, VIHx, VITx/VCOMx, VOLx, VOHx, POLx,
POHx, VCHx, VCLx, PCHx, PCLx, OVDHx, OVDLx,
PPMUx (FV), PCHx (FI), PCLx (FI)
−2.5 V to +7.5 V
VDUTx = (4 × (DAC/216) − 1) × (VREF − VREFGND) + VDUTGND
DAC = ((VDUTx − VDUTGND) + (VREF − VREFGND))/(4 × (VREF −VREFGND)) × 216
IOHx, IOLx
−12.5 mA to +37.5 mA
IDUTx = (4 × (DAC/216) − 1) × (VREF − VREFGND) × (25 mA/5)
DAC = ((IDUTx × (5/25 mA)) + (VREF − VREFGND))/(4 × (VREF − VREFGND)) × 216
PPMUx (FI, Range A), PCHx and PCLx (FV, Range
A)
−80 mA to +80 mA
IDUTx = (4 × (DAC/216) − 2) × (VREF − VREFGND) × (80 mA/5)
DAC = ((IDUTx/80 mA × 5) + 2 × (VREF − VREFGND))/(4 × (VREF − VREFGND)) × 216
PPMUx (FI, Range B), PCHx and PCLx (FV, Range
B)
−2 mA to +2 mA
IDUTx = (4 × (DAC/216) − 2) × (VREF − VREFGND) × (2 mA/5)
DAC = ((IDUTx/2 mA × 5) + 2 × (VREF − VREFGND))/(4 × (VREF − VREFGND)) × 216
PPMUx (FI, Range C), PCHx and PCLx (FV, Range
C)
−200 µA to +200 µA
IDUTx = (4 × (DAC/216) − 2) × (VREF − VREFGND) × (200 µA/5)
DAC = ((IDUTx/200 µA × 5) + 2 × (VREF − VREFGND))/(4 × (VREF − VREFGND)) × 216
PPMUx (FI, Range D) PCHx and PCLx (FV, Range
D)
−20 µA to +20 µA
IDUTx = (4 × (DAC/216) − 2) × (VREF − VREFGND) × (20 µA/5)
DAC = ((IDUTx/20 µA × 5) + 2 × (VREF − VREFGND))/(4 × (VREF − VREFGND)) × 216
PPMUx (FI, Range E) PCHx and PCLx (FV, Range
E)
−4 µA to +4 µA
IDUTx = (4 × (DAC/216) − 2) × (VREF − VREFGND) × (4 µA/5)
DAC = ((IDUTx/4 µA × 5) + 2 × (VREF − VREFGND))/(4 × (VREF − VREFGND)) × 216
Table 25. Load Transfer Functions
Load Level
Transfer Functions
Notes
IOLx
VIOLx/(2 × (VREF − VREFGND)) × 25 mA
VIOLx DAC levels are not referenced to VDUTGND
IOHx
VIOHx/(2 × (VREF − VREFGND)) × 25 mA
VIOHx DAC levels are not referenced to VDUTGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com