Electronic Components Datasheet Search
  English  ▼

X  

ADATE320KCPZ Datasheet(PDF) 63 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 63 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 59Page - Analog Devices ADATE320KCPZ Datasheet HTML 60Page - Analog Devices ADATE320KCPZ Datasheet HTML 61Page - Analog Devices ADATE320KCPZ Datasheet HTML 62Page - Analog Devices ADATE320KCPZ Datasheet HTML 63Page - Analog Devices ADATE320KCPZ Datasheet HTML 64Page - Analog Devices ADATE320KCPZ Datasheet HTML 65Page - Analog Devices ADATE320KCPZ Datasheet HTML 66Page - Analog Devices ADATE320KCPZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
Data Sheet
ADATE320
APPLICATIONS INFORMATION
analog.com
Rev. C | 63 of 78
is asserted. After VDD is stable and the RST pin is subsequently
released, a fully clocked reset sequence must follow. This power
supply sequence ensures that analog functions and all level setting
DACs receive the proper configuration information during the digital
partition reset sequence.
The power supplies must be removed in the reverse order.
Note that VREF and the high speed transmission line termination
pins (VTTDx, VTTCx) are all part of the analog partition, but they
are not treated as supplies. VREF can be managed independent
of VCC and VEE, provided its potential never goes outside those of
the VEE and VCC supply buses to prevent ESD protection diodes
from becoming forward biased. The VTTDx and VTTCx pins do not
have this restriction relative to VCC and VEE, but they must never go
outside the absolute maximum ratings as measured with respect to
PGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com