Electronic Components Datasheet Search
  English  ▼

X  

ADATE320KCPZ Datasheet(PDF) 61 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 61 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 57Page - Analog Devices ADATE320KCPZ Datasheet HTML 58Page - Analog Devices ADATE320KCPZ Datasheet HTML 59Page - Analog Devices ADATE320KCPZ Datasheet HTML 60Page - Analog Devices ADATE320KCPZ Datasheet HTML 61Page - Analog Devices ADATE320KCPZ Datasheet HTML 62Page - Analog Devices ADATE320KCPZ Datasheet HTML 63Page - Analog Devices ADATE320KCPZ Datasheet HTML 64Page - Analog Devices ADATE320KCPZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 78 page
background image
Data Sheet
ADATE320
APPLICATIONS INFORMATION
analog.com
Rev. C | 61 of 78
POWER SUPPLY, GROUNDING, AND TYPICAL
DECOUPLING STRATEGY
The ADATE320 is internally divided into a digital core and an
analog core.
The VDD and DGND pins provide power and ground for the digital
core that includes the SPI, certain logic functions, and the digital
calibration functions. DGND is the logic ground reference for the
VDD supply. Therefore, bypass VDD adequately to DGND with
good quality, low effective series resistance (ESR) bypass capac-
itors. To reduce transient digital switching noise coupling to the
analog core, connect DGND to a dedicated external ground plane
that is separated from the analog ground domains. If the application
permits, the DGND pins can share a digital ground domain with the
supervisory FPGA or ASIC that interfaces with the ADATE320 SPI.
All CMOS inputs and outputs are referenced between VDD and
DGND, and their valid levels must be guaranteed relative to these
power supply pins.
The analog core of the device includes all analog ATE functional
blocks such as the DACs, the driver, the comparator, the load,
and the PPMU. The VCC and VEE supplies provide power to
the analog core. AGND and PGND are analog ground and power
ground references, respectively. PGND is generally noisier with
analog switching transients, and it may also have large static dc
currents. AGND is generally quieter and has relatively smaller static
dc currents. These two grounds can be connected together outside
the chip to a single shared analog ground plane. Regardless, keep
PGND and AGND (whether separated or shared) separated from
the DGND ground plane if system design constraints permit.
The transient frequencies generated by the analog core can be a
full order of magnitude greater than those generated by the SPI
and on-chip digital circuitry. Therefore, pay close attention to the
decoupling of the VCC and VEE supplies. Each supply must be ad-
equately bypassed to the PGND ground domain using the highest
quality bypass capacitors available. Locate the decoupling capaci-
tors as close to the device as practically possible. The decoupling
capacitors must have very low ESR and effective series inductance
(ESL). Commonly available ceramic capacitors may provide only
a marginally low impedance path to ground at the frequencies
encountered in the ADATE320. Therefore, consider only the highest
performance decoupling capacitors if possible. In accordance with
generally accepted practices, a typical 10 µF tantalum capacitor
must also be shared across each power supply domain.
Pay particularly close attention to decoupling the VCC and VEE
supplies in proximity to the transmission line at the DUTx pins of the
device. To avoid undesired waveform aberrations and degradation
of performance, it is important that all return currents to and from
the transmission line have a direct and low impedance path back to
the VCCDx and VEEDx pins adjacent to the respective DUTx pins.
See Figure 135 for a typical transmission line decoupling strategy.
The ADATE320 has a DUTGND reference input pin that senses the
remote low frequency ground potential at the target device under
test (DUT). With the exception of the VIOH and VIOL active load
currents and VPMU when in PPMU FI mode, all DAC levels are
adjusted on-chip relative to this DUTGND input. Furthermore, the
PPMU measure output pins (PPMU_Mx) are also referenced to
DUTGND. The off-chip system analog-to-digital converter (ADC)
that measures the PPMU_Mx pins must therefore be referenced to
DUTGND as well. Referencing the system ADC to AGND results
in errors unless DUTGND is tied directly to AGND as close as
possible to the ADATE320. For applications that do not distinguish
between DUT ground reference and system analog ground refer-
ence, the DUTGND pin may be connected to the same ground
plane as AGND.
Avoid routing digital lines under the device, because these lines
can couple noise into the device. Generous use of an analog
ground plane under the device shields noise coupling that can
otherwise enter the device. The power supply distribution lines
must provide very wide and low inductance paths to the respective
supply planes. This is especially true for VCC and VEE. Attention
to via inductance is extremely important in these supplies—it can-
not be neglected. Fast switching signals routed in proximity to
the ADATE320 must be adequately shielded, preferably with their
proper ground returns to avoid radiating noise to other parts of the
board. Route such lines as far away as possible from the analog
inputs to the device, such as the AGND, DUTGND, VREF, and
VREFGND reference inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com