Electronic Components Datasheet Search
  English  ▼

X  

AD5683R Datasheet(PDF) 7 Page - Analog Devices

Part # AD5683R
Description  TDS Measurement System for Water Quality Monitoring
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5683R Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5683R Datasheet HTML 3Page - Analog Devices AD5683R Datasheet HTML 4Page - Analog Devices AD5683R Datasheet HTML 5Page - Analog Devices AD5683R Datasheet HTML 6Page - Analog Devices AD5683R Datasheet HTML 7Page - Analog Devices AD5683R Datasheet HTML 8Page - Analog Devices AD5683R Datasheet HTML 9Page - Analog Devices AD5683R Datasheet HTML 10Page - Analog Devices AD5683R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Circuit Note
CN-0411
Rev. 0 | Page 7 of 12
Also, the system can accommodate both Pt100 or Pt1000 RTDs.
The resistance of the RTD (RRTD) is computed from the 24-bit
unipolar ADC code using Equation 14.
24
21
CODE
REF
RTD
ADC
R
R
×
=
−
(14)
where:
ADCCODE is the 24-bit unipolar code of the signal sample.
RREF is the reference resistor. RREF = 4.02 kΩ.
The Callender-Van Dusen equation is used to define the
relation of the RTD resistance and temperature. For
temperatures greater than or equal to 0˚C or for resistances
greater than or equal to R0, the temperature in degrees Celsius
can be computed using Equation 15, which can be obtained
directly from the Callender-Van Dusen equation.
2
0
41
2
RTD
RTD
R
AA
B
R
T
B
−+
−
−
=
(15)
where:
A = 3.9083 ×10−3.
B = −5.775 ×10−7.
C = −4.183 × 10−12.
R0 is the RTD resistance at 0˚C.
RRTD is the RTD resistance at TRTD.
TRTD is the temperature in degrees Celsius.
For temperatures below 0˚C or for resistances below R0, a best
fit polynomial expression is used as shown in Equation 16.
RTD
1
2 RTD
3 RTD
4 RTD
5 RTD
6 RTD
T
C C RC RC RC RC R
=
+
+
+++
(16)
where:
C1 = -242.02.
C2 = 2.2228.
C3 = 2.589 ×10−3.
C4 = 48.26 × 10−3.
C5 = 1.5243 × 10−10.
RRTD is the RTD Resistance at TRTD.
TRTD is the temperature in degrees Celsius.
Software Operation Settings
The provided software configures six parameters for TDS
measurement:
•
Conductivity cell excitation voltage
•
Gain resistance selected by the multiplexer
•
Value of RTD used
•
Conductivity cell switching frequency
•
Conductivity probe cell constant
•
Type of solution being measured.
The DAC voltage can be set to any value from 0 to 2.5 V. At
startup, the DAC voltage is set to 400 mV.
The selected gain resistance can be set to open or any of the
seven resistor values: 20 Ω, 200 Ω, 2 kΩ, 20 kΩ, 200 kΩ, 2 MΩ,
and 20 MΩ. Initially, the gain resistance is set to open.
The type of RTD used can be set to either Pt100 or Pt1000.
Initially, the type of RTD used in temperature measurements is
set to Pt100.
The frequency of the PWM signal sets the frequency of the
bipolar pulse across the conductivity cell. The software can only
switch between two options for PWM frequency: 94 Hz and
2.4 kHz. Initially, the PWM frequency is set to 94 Hz.
There are three fixed options for conductivity probe cell
constants: 0.1, 1.0, and 10. A forth option allows the user to
enter a custom value for probes with cell constants other than
0.1, 1.0, and 10. By default, the cell constant is set to 1.0.
The type of solution sets the TDS factor and temperature
coefficient used in computing for TDS and temperature
compensation, respectively. The software has built-in settings
for only sodium chloride (NaCl) and potassium chloride (KCl)
solutions. However, the user can set custom values for the TDS
factor and temperature coefficient separately for other types of
solutions. Initially, the type of solution is set to NaCl.
Apart from these parameters, the software can also switch
between taking measurements with the ADC in single
conversion mode and with the ADC in continuous conversion
mode. In single conversion mode, the ADC goes to idle mode
whenever a read conductivity command is not being issued.
This decreases the power consumption of the board when it is
not active. Additionally, the DAC voltage value can be set to
zero in these times to further decrease the board’s consumption.
In continuous conversion mode, the ADC continuously samples
the conductivity cell signal. This decreases the measurement
time for each sample, which makes this effective when
continuously monitoring the conductivity of a solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com