Electronic Components Datasheet Search
  English  ▼

X  

AD5683R Datasheet(PDF) 9 Page - Analog Devices

Part # AD5683R
Description  TDS Measurement System for Water Quality Monitoring
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5683R Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5683R Datasheet HTML 4Page - Analog Devices AD5683R Datasheet HTML 5Page - Analog Devices AD5683R Datasheet HTML 6Page - Analog Devices AD5683R Datasheet HTML 7Page - Analog Devices AD5683R Datasheet HTML 8Page - Analog Devices AD5683R Datasheet HTML 9Page - Analog Devices AD5683R Datasheet HTML 10Page - Analog Devices AD5683R Datasheet HTML 11Page - Analog Devices AD5683R Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Circuit Note
CN-0411
Rev. 0 | Page 9 of 12
Figure 14 shows the measured accuracy of the conductivity
measurements taken using precision resistors from 1 MΩ to
10 Ω, corresponding to conductivities of 1 µS to 0.1 S. An
increase in the system errors is visible in the 10 mS to 100 mS
range. For these ranges, a calibration method to on-board
precision resistances (shown in Figure 5) is required.
Figure 14. System Error (%) vs Conductivity from 1 µS to 0.1 S
Calibration is performed only once for each board and an offset
resistance is obtained, which accounts for the on-resistance of
the multiplexer. The software system stores the offset resistance
value and uses it for all succeeding conductivity measurements
until the calibration method is performed again. Figure 15
shows the error for high conductivities when calibrated to the
20 Ω precision resistance shown in Figure 5.
Figure 15. Calibrated System Accuracy (%) vs Conductivity
from 1 mS to 100 mS
System Noise Performance
As shown in Figure 16, the noise level of the system is only
15.99 nS for a 10 kΩ precision resistance corresponding to a
100 µS conductance.
Figure 16. CN-0411 Noise Levels for a 100 µS Conductance
COMMON VARIATIONS
An ADG884 analog switch is used to impose a bipolar
excitation across the conductivity cell, with both terminals of
the cell being driven. Alternative designs hold one terminal of
the cell at ground potential, which reduces the impact of
leakage at the grounded terminal; such designs require more
elaborate excitation circuits. The CN-0411 is further simplified
by only measuring the voltage signal across the conductivity
cell. Using a trans-impedance amplifier, to measure the current
through the cell eliminates the need to compute for the current
value from the gain resistance. Furthermore, using a variable
gain amplifier replaces the need for a multiplexer selecting the
gain resistors for the voltage divider network. The CN-0359 is
an example of a higher-performance conductivity measurement
solution.
0
5
10
15
20
25
30
35
1µ
10µ
100µ
1m
10m
100m
CONDUCTIVITY (S)
0
1
2
3
4
5
6
7
5m
50m
CONDUCTIVITY (S)
0
20
40
60
80
100
120
140
160
CONDUCTANCE (µS)
MEAN = 101.33
1μS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com