Electronic Components Datasheet Search
  English  ▼

X  

VDRIVE3 Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # VDRIVE3
Description  Future Technology Devices International Ltd
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDRIVE3 Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  VDRIVE3 Datasheet HTML 1Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Use of FTDI devices in life support and/or safety applications is entirely at the user’s risk, and the user agrees
to defend, indemnify and hold harmless FTDI from any and all damages, claims, suits or expense resulting
from such use.
VDrive3 Datasheet
Version 1.2
Document Reference No.: FT_000699
Clearance No.: FTDI#
335
Future Technology
Devices
International Ltd
Datasheet
VDrive3 Vinculum-II
Application Module
VDrive3 is a USB host/microcontroller application module with an enclosure. The default
firmware of the VDrive3 supports UART/SPI communications with the embedded USB host
controller and USB host port. This product provides an attractive solution for quick and
easy integration of applications with a USB flash disk or other USB client devices.
1
Introduction
VDrive3 is designed to support quick and
easy integration of a UART/SPI application
with a USB client device. The VDrive3
comes in a neat enclosure displaying a bi-
colour LED, making it suitable for
incorporating into finished product designs.
In addition, a product option, VDrive3-LD, is
available that offers a lid to cover the USB
port to provide protection in harsh
environments.
The VDrive3 utilises FTDI’s Vinculum-II
(VNC2-48L1B) dual USB host controller IC.
This IC is a microcontroller and USB host
controller; it is reprogrammable using the
UART interface or the Vinculum-II debugger
module connecter. The default firmware is
V2DAP; this firmware establishes the
UART/SPI to USB host interface and can be
modified or replaced with other firmware.
V2DAP is firmware that supports Vinculum-
II to Vinculum backward compatibility*. The
Vinculum-II IDE and FTDI’s expanding
range of drivers allow for additional design
flexibility (including Android interfacing).
For details on the Vinculum-II collateral,
please click
http://www.ftdichip.com/Products/ICs/VNC2.htm
For details on FTDI Android support updates
please click
http://www.ftdichip.com/Android.htm
.
1.1
Features
VDrive3 has the following features:
Vinculum-II microcontroller/USB host
controller IC.
 Product available as shown or with a lid
covering the USB port.
USB “A” type socket to connect to USB
client devices.
2mm (0.08”) pitch 8 pin header used for the
UART/SPI interface.
Connects directly and communicates with a
FTDI TTL-232R-3V3-2mm USB-UART cable.
Jumper selectable UART and SPI interfaces,
both operating at 3.3V TTL/CMOS.
Pre-programmed with V2DAP firmware
Vinculum-II debugger module port under
neat enclosure, for changing the firmware.
UART programming mode control signals
PROG# and RESET# are accessible via an
internal header.
The VDrive3 and all components used are
Pb-free (RoHS compliant).
*See section 5


Similar Part No. - VDRIVE3

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VDRIVE2 FTDI-VDRIVE2 Datasheet
935Kb / 8P
an easy solution for adding a USB Flash disk interface to an existing product
More results

Similar Description - VDRIVE3

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
FT313HQ-R ETC2-FT313HQ-R Datasheet
1Mb / 67P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com