Electronic Components Datasheet Search
  English  ▼

X  

VDRIVE3 Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # VDRIVE3
Description  Future Technology Devices International Ltd
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDRIVE3 Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button VDRIVE3 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Copyright © 2013 Future Technology Devices International Limited
VDrive3 Datasheet
Version 1.2
Document Reference No.: FT_000699
Clearance No.: FTDI#
335
The first bit of MOSI is the R/W bit, receiving a logic low for this bit allows data to be written to the
VDrive3. The second bit is the address bit, ADD, this bit is used to select a data write to the data register
when set to logic high, and to the status register when set to logic low. During an SPI Write cycle a
package of data is transmitted to the VDRIVE3 on the MOSI line from the time of the first clock cycle
after the SPI ADD bit, with the MSB transmitted first.
After the data has been transferred, the status of MISO can be checked to determine if the data written
has been accepted. If a logic low is given for the status bit, it can be determined that the data write was
successful. If a logic high is given for the status bit, the internal buffer of the device receiving data is full,
and the same write cycle should be repeated.
SCLK
MOSI
MISO
Figure 6.3 – VDrive3 SPI example
Time
Description
Min
Typical
Max
Unit
T1
SCLK Period
83
-
-
ns
T2
SCLK High
20
-
-
ns
T3
SCLK Low
20
-
-
ns
T4
Input Setup Time
10
-
-
ns
T5
Input Setup Time
10
-
-
ns
T6
Input Hold Time
2
-
-
ns
T7
Output Valid Time
-
-
20
ns
Table 6-1 – SPI Interface Pin-Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com