Electronic Components Datasheet Search
  English  ▼

X  

VDRIVE3 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # VDRIVE3
Description  Future Technology Devices International Ltd
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDRIVE3 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button VDRIVE3 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Copyright © 2013 Future Technology Devices International Limited
VDrive3 Datasheet
Version 1.2
Document Reference No.: FT_000699
Clearance No.: FTDI#
335
6
VDrive3 Electrical Details
6.1
SPI Interface Timing
The following timing diagrams are for the VNC1L Legacy Interface mode of SPI slave.
SCLK
SS#
MOSI
MISO
Figure 6.1 – VDrive2 SPI example
To start the data transfer process SS# needs to be set to high, and remain high for the entire read cycle.
Once the read cycle is complete SS# needs to be set to low for at least one clock cycle to allow another
data transfer cycle to occur.
The first bit of MOSI is the R/W bit, receiving a logic high for this bit allows data to be read from the
VDrive3. The second bit is the address bit, ADD; this bit is used to select data read from the data register
when set to logic high, and read from the status register when set to logic low. During an SPI Read cycle,
a package of data is transmitted from the VDRIVE3 on the MISO line from the time of the first clock cycle
after the SPI ADD bit, with the MSB transmitted first.
After the data has been transferred the status of MISO can be checked to determine if the data read is
new data as indicated by a transmitted logic low. If old data is transmitted, as indicated by a transmitted
logic high, the read cycle needs to be repeated to get new data.
SCLK
SS#
MOSI
MISO
Figure 6.2 – VDrive3 SPI example
To start the data transfer process SS# needs to be set to high for the entire write cycle. Once the write
cycle is complete SS# needs to be set low for at least one clock cycle to allow another data transfer cycle
to occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com