Electronic Components Datasheet Search
  English  ▼

X  

VDRIVE3 Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # VDRIVE3
Description  Future Technology Devices International Ltd
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDRIVE3 Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  VDRIVE3 Datasheet HTML 1Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Copyright © 2013 Future Technology Devices International Limited
VDrive3 Datasheet
Version 1.2
Document Reference No.: FT_000699
Clearance No.: FTDI#
335
4
VDrive2 and VDrive3 Comparison
The VDrive3 is a drop in replacement for the VDrive2 for the majority of VDrive2 applications. However,
for a small number of applications that use SPI some changes to the application software may be
required, this is due to a discrepancy in the SPI interface used in the Vinculum-I and Vinculum-II. For
further details on these differences, please see AN_176 - Vinculum Comparison of VDAP and V2DAP.
Note: VDrive3’s default firmware includes a reflash function, allowing the firmware to be updated from a
flash drive. This reflash can be performed with the following steps:
1: Configure the VDrive3 into UART mode.
2: Open a communication terminal and connect to the VDrive3 via the UART interface.
3: Connect a USB flash disk with any firmware named “FTRFBV2.FTD”.
4: Wait for the new firmware to be loaded.
Additional features of the VDrive3:
Vinculum-II can be configured by a user defined firmware
VDrive3 hardware has an SPI master interface available. (not enabled by default in V2DAP
firmware)
VDrive3’s SPI interface can be clocked up to 48MHz
VDrive3 is programmable using the debugger-module port and the UART interface port.
VDrive3 can utilise many of the Vinculum-II’s sample firmware available on the FTDI website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com