Electronic Components Datasheet Search
  English  ▼

X  

VDRIVE3 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # VDRIVE3
Description  Future Technology Devices International Ltd
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDRIVE3 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  VDRIVE3 Datasheet HTML 1Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDRIVE3 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Copyright © 2013 Future Technology Devices International Limited
VDrive3 Datasheet
Version 1.2
Document Reference No.: FT_000699
Clearance No.: FTDI#
335
3.2
VDrive3 Jumper Configuration
The interface modes of the VDrive3 running on a V2DAP firmware is given in Table 3-1. The VDrive3
comes preloaded with the V2DAP firmware and the jumper on the UART/SPI pin is set to UART mode by
default.
UART/SPI
Interface Mode
Pull-Up
UART
Pull-Down
SPI
Table 3-1 – VDrive3 Jumper Box
3.3
LED Functions
Operation
LED Behaviour
Power On
LED flashes Green/Red alternately for 2 seconds
Repeated until monitor connects
USB Disk Initialisation
LED Red
USB Disk Ready
LED Green
USB Disk Removed
LED off
Disk is connected to USB Port
LED flashes Green
Nothing is connected to USB Port
LED off
Table 3-2 – VDrive3 LED Functions
3.4
Interface Description
Pin No.
Name
Type
Description
1
GND
PWR
Signal ground
2
RTS#
Output
Request To Send control output – Handshake signal
3
5V0
PWR
5V supply input
4
RXD
Input
Receive asynchronous data input
5
TXD
Output
Transmit asynchronous data output
6
CTS#
Input
Clear To Send control input - Handshake signal
7
NC
-
No Connect
8
RI#/WU
Input
Ring Indicator control input / Wake Up
Table 3-3 – 3.3V TTL/CMOS UART Interface Pin-Out
Pin No.
Name
Type
Description
5
SCLK
Input
SPI clock input. Maximum frequency: 24MHz – 3.3V TTL
4
MOSI
Input
SPI slave serial data input – 3.3V TTL
2
MISO
Output
SPI slave serial data output – 3.3V TTL
6
SS#
Input
SPI slave select input – 3.3V TTL
Table 3-4 – 3.3V TTL/CMOS SPI Interface Pin-Out
For further details see VNC2 datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com