Electronic Components Datasheet Search
  English  ▼

X  

LTC3560 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3560
Description  2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3560 Datasheet(HTML) 1 Page - Linear Technology

  LTC3560 Datasheet HTML 1Page - Linear Technology LTC3560 Datasheet HTML 2Page - Linear Technology LTC3560 Datasheet HTML 3Page - Linear Technology LTC3560 Datasheet HTML 4Page - Linear Technology LTC3560 Datasheet HTML 5Page - Linear Technology LTC3560 Datasheet HTML 6Page - Linear Technology LTC3560 Datasheet HTML 7Page - Linear Technology LTC3560 Datasheet HTML 8Page - Linear Technology LTC3560 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC3560
3560f
■ High Efficiency: Up to 95%
■ Low Output Ripple (<20mVP-P): Burst Mode
®
Operation: IQ = 16µA
■ 2.5V to 5.5V Input Voltage Range
■ 2.25MHz Constant Frequency Operation
■ Synchronizable to External Clock
■ No Schottky Diode Required
■ Stable with Ceramic Capacitors
■ Low Dropout Operation: 100% Duty Cycle
■ 0.6V Reference Allows Low Output Voltages
■ Shutdown Mode Draws < 1
µA Supply Current
■
±2% Output Voltage Accuracy
■ Current Mode Operation for Excellent Line and
Load Transient Response
■ Overtemperature Protected
■ Low Profile (1mm) ThinSOT
TM Package
The LTC
®3560 is a high efficiency monolithic synchro-
nous buck regulator using a constant frequency, current
mode architecture. Supply current during operation is
only 16
µA, dropping to <1µA in shutdown. The 2.5V to
5.5V input voltage range makes the LTC3560 ideally suited
for single Li-Ion/Li-Polymer battery-powered applications.
100% duty cycle provides low dropout operation, extend-
ing battery life in portable systems.
Switching frequency is internally set at 2.25MHz, allowing
the use of small surface mount inductors and capacitors.
For noise sensitive applications the LTC3560 can be
externally synchronized from 1MHz to 3MHz. Burst Mode
operation is inhibited during synchronization or when the
SYNC/MODE pin is pulled high, preventing low frequency
ripple from interfering with audio circuitry.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. Low
output voltages are easily supported with the 0.6V feed-
back reference voltage. The LTC3560 is available in a low
profile (1mm) ThinSOT package.
■
Cellular Telephones
■ Wireless and DSL Modems
■ Digital Still Cameras
■ Media Players
■ Portable Instruments
Figure 1a. High Efficiency Step-Down Converter
2.25MHz, 800mA
Synchronous Step-Down
Regulator in ThinSOT
Figure 1b. Efficiency vs Load Current
VIN
CIN
10
µF
CER
VIN
2.7V
TO 5.5V
LTC3560
RUN
SYNC/MODE
2.2
µH
10pF
806k
255k
3405A F01a
SW
VFB
GND
COUT
10
µF
CER
VOUT
2.5V
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
, LTC, LT and Burst Mode are registered trademarks of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6580258, 5481178, 5994885,
6304066, 6498466, 6611131
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3560 F01b
0
1
0.001
0.1
0.01
0.0001
1
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V


Similar Part No. - LTC3560

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3560 LINER-LTC3560 Datasheet
534Kb / 22P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3560 LINER-LTC3560 Datasheet
266Kb / 16P
2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
LTC3560 LINER-LTC3560_15 Datasheet
266Kb / 16P
2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
More results

Similar Description - LTC3560

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406B-2 LINER-LTC3406B-2 Datasheet
213Kb / 16P
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3545 LINER-LTC3545 Datasheet
291Kb / 20P
Triple 800mA Synchronous Step-Down Regulator-2.25MHz
LTC3406B-2 LINER-LTC3406B-2_15 Datasheet
223Kb / 16P
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB-2 LINER-LTC3406AB-2_15 Datasheet
322Kb / 16P
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3560 LINER-LTC3560_15 Datasheet
266Kb / 16P
2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com