Electronic Components Datasheet Search
  English  ▼

X  

LTC3560 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3560
Description  2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3560 Datasheet(HTML) 5 Page - Linear Technology

  LTC3560 Datasheet HTML 1Page - Linear Technology LTC3560 Datasheet HTML 2Page - Linear Technology LTC3560 Datasheet HTML 3Page - Linear Technology LTC3560 Datasheet HTML 4Page - Linear Technology LTC3560 Datasheet HTML 5Page - Linear Technology LTC3560 Datasheet HTML 6Page - Linear Technology LTC3560 Datasheet HTML 7Page - Linear Technology LTC3560 Datasheet HTML 8Page - Linear Technology LTC3560 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC3560
3560f
TYPICAL PERFOR A CE CHARACTERISTICS
Load Step
Load Step
Load Step
(From Figure 1a Except for the Resistive Divider Resistor Values)
Pulse Skipping Mode Operation
Start-Up from Shutdown
Load Step
Burst Mode Operation
SW
2V/DIV
VOUT
20mV/DIV
AC COUPLED
IL
200mA/DIV
2
µs/DIV
3560 G15
VIN = 3.6V
VOUT = 1.8V
ILOAD = 25mA
SW
2V/DIV
VOUT
20mV/DIV
AC COUPLED
IL
200mA/DIV
500ns/DIV
3560 G16
VIN = 3.6V
VOUT = 1.8V
ILOAD = 25mA
RUN
2V/DIV
VOUT
1V/DIV
IL
500mA/DIV
500
µs/DIV
3560 G17
VIN = 3.6V
VOUT = 1.8V
ILOAD = 800mA
VOUT
200mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
20
µs/DIV
3560 G18
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A TO 800mA
PULSE SKIPPING MODE
VOUT
200mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
20
µs/DIV
3560 G19
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA TO 800mA
PULSE SKIPPING MODE
VOUT
200mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
20
µs/DIV
3560 G20
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA TO 800mA
PULSE SKIPPING MODE
Load Step
Load Step
VOUT
200mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
20
µs/DIV
3560 G21
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A TO 800mA
Burst Mode OPERATION
VOUT
200mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
20
µs/DIV
3560 G22
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA TO 800mA
Burst Mode OPERATION
VOUT
200mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
20
µs/DIV
3560 G23
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA TO 800mA
Burst Mode OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com