Electronic Components Datasheet Search
  English  ▼

X  

LTC3560 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3560
Description  2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3560 Datasheet(HTML) 4 Page - Linear Technology

  LTC3560 Datasheet HTML 1Page - Linear Technology LTC3560 Datasheet HTML 2Page - Linear Technology LTC3560 Datasheet HTML 3Page - Linear Technology LTC3560 Datasheet HTML 4Page - Linear Technology LTC3560 Datasheet HTML 5Page - Linear Technology LTC3560 Datasheet HTML 6Page - Linear Technology LTC3560 Datasheet HTML 7Page - Linear Technology LTC3560 Datasheet HTML 8Page - Linear Technology LTC3560 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC3560
3560f
RDS(ON) vs Temperature
Dynamic Supply Current
Dynamic Supply Current
vs Temperature
Switch Leakage vs Temperature
Switch Leakage vs Input Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
(From Figure 1a Except for the Resistive Divider Resistor Values)
Oscillator Frequency vs
Supply Voltage
Output Voltage vs Load Current
RDS(ON) vs Input Voltage
INPUT VOLTAGE (V)
2
1.8
1.9
2.0
2.1
2.2
34
5
6
3560 G07
2.3
2.4
2.5
3.5
4.5
5.5
LOAD CURRENT (mA)
0
1.78
1.79
1.80
1.81
1.82
1.84
200
400
600
800
3560 G08
1000
1200
1.83
VIN = 3.6V
Burst Mode OPERATION
PULSE SKIP MODE
INPUT VOLTAGE (V)
0
0.30
0.35
0.40
35
3560 G10
0.25
0.20
12
46
7
0.15
0.10
MAIN SWITCH
SYNCHRONOUS
SWITCH
TEMPERATURE (
°C)
–50
0.35
25
3560 G09
0.20
0.10
–25
0
50
0.05
0
0.40
0.30
0.25
0.15
75
100
125
SYNCHRONOUS SWITCH
MAIN SWITCH
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
INPUT VOLTAGE (V)
2
0
50
100
150
200
34
5
6
3560 G12
250
300
2.5
3.5
4.5
5.5
VOUT = 1.2V
ILOAD = 0A
PULSE SKIPPING MODE
Burst Mode OPERATION
TEMPERATURE (
°C)
–50
200
250
300
25
75
3560 G11
150
100
–25
0
50
100
125
50
0
VIN = 3.6V
VOUT = 1.2V
ILOAD = 0A
PULSE SKIPPING MODE
Burst Mode OPERATION
TEMPERATURE (
°C)
–50
80
100
140
25
75
3560 G13
60
40
–25
0
50
100
125
20
0
120
SYNCHRONOUS
SWITCH
MAIN SWITCH
INPUT VOLTAGE (V)
0
0
200
400
600
1
2
34
3560 G14
5
800
1000
100
300
500
700
900
6
SYNCHRONOUS
SWITCH
MAIN SWITCH
RUN = 0V
Oscillator Frequency vs
Temperature
TEMPERATURE (
°C)
–50
2.00
2.05
2.15
2.20
2.25
2.50
2.35
0
50
75
3560 G06
2.10
2.40
2.45
2.30
–25
25
100
125
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com