Electronic Components Datasheet Search
  English  ▼

X  

LTC3560 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3560
Description  2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3560 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3560 Datasheet HTML 8Page - Linear Technology LTC3560 Datasheet HTML 9Page - Linear Technology LTC3560 Datasheet HTML 10Page - Linear Technology LTC3560 Datasheet HTML 11Page - Linear Technology LTC3560 Datasheet HTML 12Page - Linear Technology LTC3560 Datasheet HTML 13Page - Linear Technology LTC3560 Datasheet HTML 14Page - Linear Technology LTC3560 Datasheet HTML 15Page - Linear Technology LTC3560 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC3560
3560f
APPLICATIO S I FOR ATIO
Figure 7a
Figure 7b
Figure 7c
Figure 7d
VIN
CIN*
10
µF
CER
VIN
2.7V
TO 4.2V
LTC3560
RUN
SYNC/MODE
3
1
µH**
10pF
301k
301k
3560 F07a
5
4
6
3MHz CLK
1
2
SW
VFB
GND
COUT*
10
µF
CER
VOUT
1.2V
*TDK C2012X5R0J106M
**MURATA LQH32CN1R0M33
LOAD CURRENT (mA)
1
40
50
60
70
80
10
100
1000
3560 F07b
30
20
10
0
90
100
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
ILOAD
500mA/DIV
20
µs/DIV
VIN = 3.6V
VOUT = 1.2V
ILOAD = 300A TO 800mA
3560 F07c
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
ILOAD
500mA/DIV
20
µs/DIV
3560 F07d
VIN = 3.6V
VOUT = 1.2V
ILOAD = 0mA TO 500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com