Electronic Components Datasheet Search
  English  ▼

X  

LTC3560 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3560
Description  2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3560 Datasheet(HTML) 2 Page - Linear Technology

  LTC3560 Datasheet HTML 1Page - Linear Technology LTC3560 Datasheet HTML 2Page - Linear Technology LTC3560 Datasheet HTML 3Page - Linear Technology LTC3560 Datasheet HTML 4Page - Linear Technology LTC3560 Datasheet HTML 5Page - Linear Technology LTC3560 Datasheet HTML 6Page - Linear Technology LTC3560 Datasheet HTML 7Page - Linear Technology LTC3560 Datasheet HTML 8Page - Linear Technology LTC3560 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC3560
3560f
LTC3560ES6
TJMAX = 125°C, θJA = 250°C/ W
ORDER PART NUMBER
(Note 1)
Input Supply Voltage .................................. – 0.3V to 6V
SYNC/MODE, RUN, VFB Voltages ............... – 0.3V to VIN
SW Voltage (DC) ......................... – 0.3V to (VIN + 0.3V)
P-Channel Switch Source Current (DC) (Note 6) ... 1.2A
N-Channel Switch Sink Current (DC) (Note 6) ....... 1.2A
Peak SW Sink and Source Current (Note 6)........... 2.1A
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Junction Temperature (Note 3) ............................ 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
S6 PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTCFY
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
RUN 1
GND 2
SW 3
6 SYNC/MODE
5 VFB
4 VIN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVFB
Feedback Current
●
±30
nA
IPK
Peak Inductor Current
VIN = 3V, VFB = 0.5V, Duty Cycle < 35%
1.0
1.5
2.0
A
VFB
Regulated Feedback Voltage
(Note 4)
●
0.588
0.6
0.612
V
∆VFB
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 4)
●
0.04
0.4
%/V
VLOADREG
Output Voltage Load Regulation
0.5
%
VIN
Input Voltage Range
●
2.5
5.5
V
IS
Input DC Bias Current
(Note 5)
Pulse Skipping Mode
VFB = 0.63V, Mode = High, ILOAD = 0A
200
300
µA
Burst Mode
® Operation
VFB = 0.63V, Mode = Low, ILOAD = 0A
16
30
µA
Shutdown
VRUN = 0V, VIN = 5.5V
0.1
1
µA
fOSC
Oscillator Frequency
VFB = 0.6V
●
1.8
2.25
2.7
MHz
fSYNC
SYNC Frequency Range
●
1
3
MHz
RPFET
RDS(ON) of P-Channel FET
ISW = 100mA
0.23
0.35
Ω
RNFET
RDS(ON) of N-Channel FET
ISW = –100mA
0.21
0.35
Ω
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 5.5V, VIN = 5.5V
±0.01
±1
µA
VRUN
RUN Threshold
●
0.3
1
1.5
V
IRUN
RUN Leakage Current
●
±0.01
±1
µA
VSYNC/MODE SYNC/MODE Threshold
●
0.3
1.0
1.5
V
ISYNC/MODE
SYNC/MODE Leakage Current
●
±0.01
±1
µA
tSOFTSTART
Soft-Start Time
VFB from 10% to 90% Full Scale
0.6
0.9
1.2
ms
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3.6V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3560E is guaranteed to meet performance specifications
from 0
°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com