Electronic Components Datasheet Search
  English  ▼

X  

31135 Datasheet(PDF) 18 Page - Wiha Tools

Part # 31135
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

31135 Datasheet(HTML) 18 Page - Wiha Tools

Back Button 31135 Datasheet HTML 14Page - Wiha Tools 31135 Datasheet HTML 15Page - Wiha Tools 31135 Datasheet HTML 16Page - Wiha Tools 31135 Datasheet HTML 17Page - Wiha Tools 31135 Datasheet HTML 18Page - Wiha Tools 31135 Datasheet HTML 19Page - Wiha Tools 31135 Datasheet HTML 20Page - Wiha Tools 31135 Datasheet HTML 21Page - Wiha Tools 31135 Datasheet HTML 22Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
18
Toll Free: (800) 494-6104
33 Pc. Drive-Loc VI Interchangeable
Blade Set, In Tool Box Tray Set includes
Drive-Loc VI handles & 31 Drive-Loc VI blades.
D
Wiha Drive-Loc VI Blades
Ball End Hex & Hex Metric Drive-Loc VI
Interchangeable Blade Ball end enables
the user to work at angles up to 25O. OAL
150mm/5.9”. Fits all Drive-Loc VI handles.
Item
No.
mm + mm
lbs.
pkg.
28116
2.5
2.5
.10
1
28117
3
3
.10
1
28118
4
4
.10
1
28119
5
5
.10
1
28120
6
6
.10
1
281
Hex Metric Drive-Loc VI Interchangeable
Blade OAL 150mm/5.9”
Item
No.
mm + mm
lbs.
pkg.
28149
2.0
2.5
.09
1
28150
3.0
4.0
.10
1
28151
5.0
6.0
.10
1
281
Hex Inch Drive-Loc VI Interchangeable
Blade OAL 150mm/5.9”
Item
No.
Inch + Inch lbs.
pkg.
28122
3/32
7/64
.10
1
28123
1/8
9/64
.10
1
28124
5/32
3/16
.10
1
281
28191
Item No. 28191
lbs. 3.48
Slotted: 3.5+4.5, 5.5+6.5mm Square: 1+2
Slotted/Phillips: 3.0+0, 4.0+1, 6.0+2
Security
: T6s+T8s, T7s+T9s, T10s+T15s,
T20s+T25s, T30s+T40s
Hex Inch: 3/32+7/64, 1/8+9/64, 5/32+3/16
Hex Metric: 2.0+2.5, 3.0+4.0, 5.0+6.0
Nut Drivers In: 1/4, 9/32, 5/16, 11/32, 3/8, 7/16, 1/2”
Nut Drivers MM: 5.5, 6.0, 7.0, 8.0, 9.0, 10.0, 11.0mm
Wiha SoftFinish® Cushion Grip &
MicroFinish Non-Slip Grip Handles
Tool box set in
blow molded tray
Drive-Loc VI Interchangeable
Blade Set In Tool Box Tray
28188 32 Pc. Drive-Loc VI Interchangeable
Blade Set, In Folding Wallet Set includes
Drive-Loc VI handle & 31 Drive-Loc VI blades.
Item No. 28188
lbs. 3.66
Slotted: 3.5+4.5, 5.5+6.5mm Square: 1+2
Slotted/Phillips: 3.0+0, 4.0+1, 6.0+2
Security
: T6s+T8s, T7s+T9s, T10s+T15s,
T20s+T25s, T30s+T40s
Hex Inch: 3/32+7/64, 1/8+9/64, 5/32+3/16
Hex Metric: 2.0+2.5, 3.0+4.0, 5.0+6.0
Nut Drivers In: 1/4, 9/32, 5/16, 11/32, 3/8, 7/16, 1/2”
Nut Drivers MM: 5.5, 6.0, 7.0, 8.0, 9.0, 10.0, 11.0mm
Wiha SoftFinish® Cushion Grip
28187 32 Pc. ESD Safe Drive-Loc VI
Interchangeable Blade Set, In Folding
Wallet Set includes Drive-Loc VI handle &
31 interchangeable blades.
Item No. 28187
lbs. 3.66
Slotted: 3.5+4.5, 5.5+6.5mm Square: 1+2
Slotted/Phillips: 3.0+0, 4.0+1, 6.0+2
Security
: T6s+T8s, T7s+T9s, T10s+T15s,
T20s+T25s, T30s+T40s
Hex Inch: 3/32+7/64, 1/8+9/64, 5/32+3/16
Hex Metric: 2.0+2.5, 3.0+4.0, 5.0+6.0
Nut Drivers In: 1/4, 9/32, 5/16, 11/32, 3/8, 7/16, 1/2”
Nut Drivers MM: 5.5, 6.0, 7.0, 8.0, 9.0, 10.0, 11.0mm
Wiha ESD Safe SoftFinish® Cushion Grip
Drive-Loc VI Interchangeable Blade Sets
5 Pack Drive-Loc VI Interchangeable
Blade Set OAL 150mm/5.9”
Item
lbs.
No. 28474
.36
Hex Metric: 3.0+4.0, 5.0+6.0mm
Hex Inch: 3/32+7/64, 1/8+9/64, 5/32+3/16”
28474
Wiha Drive-Loc VI Blade 5 Pack Sets
5 Pack Drive-Loc VI Interchangeable
Blade Set OAL 150mm/5.9”
Item
lbs.
No. 28476
.36
Hex Metric: 2.5, 3.0, 4.0, 5.0, 6.0mm
28476
5 Pack Drive-Loc VI Interchangeable
Blade Set OAL 150mm/5.9”
Item
lbs.
No. 28477
.35
Security TORX®: T6s+T8s, T7s+T9s,
T10s+T15s, T20s+T25s, T30s+T40s
28477
5 Pack Drive-Loc VI Interchangeable
Blade Set OAL 150mm/5.9”
Item No. 28485
lbs.
TORX®:
.35
T6+T8, T7+T9, T10+T15, T20+T25, T30+T40
28485
5 Pack Drive-Loc VI Interchangeable
Blade Set OAL 150mm/5.9”
Item
lbs.
No. 28483
.35
Slotted/Phillips: 3.0+#0, 4.0+#1, 6.0+#2
Square: #1+#2 & Pozidriv®: #1+#2
28483
5 Pack Drive-Loc VI Interchangeable
Blade Set OAL 150mm/5.9”
Item
lbs.
No. 28479
.35
Tri-Wing: #0+#1, #2+#3, #4+#5
Torq Set: #2+#4, #6+#8
28479



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com