Electronic Components Datasheet Search
  English  ▼

X  

31135 Datasheet(PDF) 31 Page - Wiha Tools

Part # 31135
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

31135 Datasheet(HTML) 31 Page - Wiha Tools

Back Button 31135 Datasheet HTML 27Page - Wiha Tools 31135 Datasheet HTML 28Page - Wiha Tools 31135 Datasheet HTML 29Page - Wiha Tools 31135 Datasheet HTML 30Page - Wiha Tools 31135 Datasheet HTML 31Page - Wiha Tools 31135 Datasheet HTML 32Page - Wiha Tools 31135 Datasheet HTML 33Page - Wiha Tools 31135 Datasheet HTML 34Page - Wiha Tools 31135 Datasheet HTML 35Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
31
www.wihatools.com
Proturn Precision Drivers
proturn
Blade CVM steel,
black finish blades
Molded on
ergonomic
handle
Rotating cap
for precise
turning and
control with
fingertip
Tapered
handle
allows rapid
rotation
Tip
precision
ground for
exact fit
Proturn Precision Chip Lifter
Molded on precision handle. Blade CVM tool
steel, hardened, black finish.
Item
No.
Size mm mm Inch lbs. pkg.
96800
1.0
50
145 5.7 .07
1
96800
14 Pc. Inch/Metric Ball End Hex
Work Tech Pack Proturn precision
ball retainer handle & 13 Wiha
interchangeable blades.
62994
Set includes the following blades:
Hex Inch: .050, 1/16, 5/64, 3/32,
7/64, 1/8, 9/64, 5/32”
Hex Metric: 1.5, 2.0, 2.5, 3.0, 4.0mm
lbs. .66
Set in canvas storage pouch
62994
Magnetize or Demagnetize tools
and small parts instantly
Magnetizer and Demagnetizer
To magnetize and demagnetize steel
screwdriver blades, tweezers and similar
tools. Box high quality plastic, shock-resistant,
green, cadmium free.
Application:
To magnetize, lead tool slowly through the
(+) opening, to demagnetize guide tool slowly
through the (-) opening.
Item
No.
Dimensions
lbs.
40010
2.1” x 2.0” x 1.1”
.30
Shatterproof
Box is made
from high
quality plastic
Uses 2 C8
industrial
permanent
magnets
40010
Wiha Magnetizer/
Demagnetizer
(Parts under 1” Length or 1/8” Diameter may not demagnetize)
(-) to Demagnetize
(+) to Magnetize
Soft PicoFinish Precision Chip Lifter
Blade CVM steel, hardened, hard chromed.
Item
mm mm mm mm Inch
No.
1
3.5 50
150 5.9
26815
Standard Soft PicoFinish handle
26815
Pico Soft Grip Precision Chip Lifter
NOTES:
Tri-Wing Precision Screwdriver, With
Soft PicoFinish Precision Handle Blade high
alloy CVM steel. Hard chrome finished.
Item
No.
Size mm Inch mm Inch mm Inch
26631
000 40
1.6
2.0 .08 140 5.5
266
Tri-Wing
(Used in iphone 7 or
higher series)
Pico Soft Grip Tri-Wing
Pico Soft Grip Pentalobe
Pentalobe Screwdriver, With
Precision Soft PicoFinish Handle Blade
high alloy CVM tool steel, hardened, hard
chrome finish.
Item
No.
Size Inch mm Inch mm pkg.
26771
PL1
1.6
40
5.5
140 10
26772
PL2
1.6
40
5.5
140 10
26773
PL3
1.6
40
5.5
140 10
26774
PL4
1.6
40
5.5
140 10
26775
PL5
1.6
40
5.5
140 10
26776
PL6
1.6
40
5.5
140 10
*Metric dimensions actual - Inch dimensions approximate
267
6 Pc. Precision Pentalobe Driver
Set, Soft PicoFinish Handle Blade high alloy
CVM steel. Hard chrome finished.
Item No. Pentalobe Drivers:
26795
PL1, PL2, PL3, PL4,
lbs.
PL5, PL6
.40
26795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com