Electronic Components Datasheet Search
  English  ▼

X  

31135 Datasheet(PDF) 22 Page - Wiha Tools

Part # 31135
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

31135 Datasheet(HTML) 22 Page - Wiha Tools

Back Button 31135 Datasheet HTML 18Page - Wiha Tools 31135 Datasheet HTML 19Page - Wiha Tools 31135 Datasheet HTML 20Page - Wiha Tools 31135 Datasheet HTML 21Page - Wiha Tools 31135 Datasheet HTML 22Page - Wiha Tools 31135 Datasheet HTML 23Page - Wiha Tools 31135 Datasheet HTML 24Page - Wiha Tools 31135 Datasheet HTML 25Page - Wiha Tools 31135 Datasheet HTML 26Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22
Toll Free: (800) 494-6104
Slotted Cabinet Tip Screwdriver, With Wiha-Square Handle Blade CVM steel, hardened,
nickel-plated. Tip parallel to shaft. Series includes extra long dimensions for screws in difficult to
reach locations. Wiha-square handle cellulose-acetate, impact resistant.
Item
No.
mm Inch
mm Inch
mm
Inch
mm Inch
mm Inch lbs pkg.
18630
4.0
.16
200 8.0
0.60
.02
285 11.2
22
.87
.11
10
18648
5.0
.20
200 8.0
0.70
.03
295 11.6
24
.94
.17
10
18654
6.0
.24
100 3.9
0.90
.04
205 8.1
28
1.10 .19
10
18657
6.0
.24
150 5.9
0.90
.04
255 10.0
28
1.10 .21
10
18681
10.0 .39
200 8.0
1.60
.06
315 12.4
32
1.26 .37
10
186
Wiha Cabinet Tip Slotted & Phillips Screwdrivers
Item
No.
Size mm Inch mm Inch
16112
1 + 2 125 4.9 5.5
.217
Slotted Offset Screwdriver, With Handle
Item
No.
mm Inch mm Inch mm Inch
20700 3.5 9/64 90 3.5 0.6 .02
20715 6.5 1/4
125 5.0 1.2 .05
20725 10.0 3/8
175 6.9 1.6 .06
Phillips Offset Screwdriver, With
Handle For working in confined spaces. Blade
CVM special steel, hardened, hard chromed.
Handle high quality plastic, impact resistant.
207
161
Wiha Offset Screwdrivers
Offset Screwdriver Set,
5 Pcs. Molded Handle.
Item
T6+T8, T7+T9,
No.
T10+T15, T20+T25,
lbs.
pkg.
20799
T27+T30
.24
1
20799
Item
No.
Size
lbs.
pkg.
20756
T6 + T8
.02
1
20757
T7 + T9
.02
1
20758
T10 + T15
.02
1
20759
T20 + T25
.07
1
20760
T27 + T30
.10
1
Offset Screwdriver With
Molded Handle Working in confined spaces.
CVM special steel, hardened, black finish.
207
Wiha Offset Screwdrivers
76087
61 Pc. Power Blade Service Kit
Set includes Bit Holding Handle, MicroBit
Storage Handle, 4mm to 1/4” Magnetic Adapter,
9 power blades, 46 bits & 3 nut setters.
Item No. 76087
lbs. 1.34
90mm Power Blades: Slotted: 4.5, 5.5, 6.0mm
Phillips: #1, 2, 3 & Square: #1, 2, 3
75mm Security
Bits: T10s, T15s,
T20s, T25s, T27s, T30s
MicroBits: Phillips: #000, 00, 0, 1, 2,
Slotted: .8, 1.2, 1.5, 1.8, 2.0, 2.5, 3.0, 3.5, 4.0mm
Hex Inch: .028, .035, .050, 1/16, 5/64, 3/32,
7/64, 1/8, 9/64, 5/32”
Hex Metric: 1.3, 1.5, 2.0, 2.5, 3.0, 4.0mm
: T1, T2, T3, T4, T5, T6, T7, T8, T9, T10
Magnetic Nut Setters: 1/4, 5/16, 3/8”
lbs. Pkg.
.08 10
lbs. Pkg.
.02 10
.07 10
.23 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com