Electronic Components Datasheet Search
  English  ▼

X  

31135 Datasheet(PDF) 28 Page - Wiha Tools

Part # 31135
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

31135 Datasheet(HTML) 28 Page - Wiha Tools

Back Button 31135 Datasheet HTML 24Page - Wiha Tools 31135 Datasheet HTML 25Page - Wiha Tools 31135 Datasheet HTML 26Page - Wiha Tools 31135 Datasheet HTML 27Page - Wiha Tools 31135 Datasheet HTML 28Page - Wiha Tools 31135 Datasheet HTML 29Page - Wiha Tools 31135 Datasheet HTML 30Page - Wiha Tools 31135 Datasheet HTML 31Page - Wiha Tools 31135 Datasheet HTML 32Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
28
Toll Free: (800) 494-6104
Pentalobe Screwdrivers, With
Precision Handle Blade high alloy chrome-
vanadium-molybdenum steel.
Item
No.
Size mm Inch mm Inch lbs. pkg.
26761
PL1 40
1.6 120 4.7 .01 1
26762
PL2 40
1.6 120 4.7 .02 1
26763
PL3 40
1.6 120 4.7 .02 1
26764
PL4 40
1.6 120 4.7 .02 1
26765
PL5 40
1.6 120 4.7 .02 1
26766
PL6 40
1.6 120 4.7 .02 1
*Metric dimensions actual - Inch dimensions approximate
(PL4 is used for Mac Book Pro)
267
Wiha Pentalobe
Precision Series
6 Pc. Precision Pentalobe
Screwdriver Set Blade high alloy CVM steel.
Hard chrome finished.
Item No. Pentalobe Drivers:
26794
PL1, PL2, PL3, PL4,
lbs.
PL5, PL6
.35
26794
Wiha Pentalobe drivers will fit fasteners
used in “Apple” brand products including
iPhone, Mac Book & Mac Air
· Exact fit precision machined tips
· High performance CRM72 tool steel
· Hard chromed finish blades & tips
· Tapered ergonomic handle
· Easy spin finger tip control cap
Master Technicians Bench Top Set
Metal frame. Equipped with 50 precision drivers.
Item No.
Slotted: .8, 1.0, 1.2, 1.5, 1.8, 2.0,
92190
2.5, 3.0, 3.5, 4.0
Phillips: #000, #00, #0, #1
lbs.
: T1, T2, T3, T4, T5, T6,
3.67
T7, T8, T9, T10
Metric Hex: 1.27, 1.5, 2.0, 2.5, 3.0
Inch Hex: .028, .035, .050, 1/16,
5/64, 3/32, 7/64, 1/8, 9/64, 5/32”
Metric Nut Drivers: 1.5, 1.8, 2.0,
2.5, 3.0, 3.5, 4.0, 4.5, 5.0, 5.5
26810 Chip Lifter
92190
51 Pc. Precision Tool Tray Set
Tool box tray. Equipped with 51 precision drivers.
Item No.
Slotted: .8, 1.0, 1.2, 1.5, 1.8, 2.0,
92191
2.5, 3.0, 3.5, 4.0
Phillips: #000, #00, #0, #1
lbs.
Torx®: T1, T2, T3, T4, T5, T6, T7, T8, T9, T10
4.63
Metric Hex: 1.27, 1.5, 2.0, 2.5, 3.0, 4.0
Inch Hex: .028, .035, .050, 1/16,
5/64, 3/32, 7/64, 1/8, 9/64, 5/32”
Metric Nut Drivers: 1.5, 1.8, 2.0,
2.5, 3.0, 3.5, 4.0, 4.5, 5.0, 5.5
26810 Chip Lifter
92191
Wiha Precision
Screwdriver Sets
Master Technicians Bench Top Set
Metal frame. Equipped with 50 precision drivers.
Item No.
Slotted: 1.5, 2.0, 2.5, 3.0, 3.5, 4.0
92189
Phillips: #000, #00, #0, #1
Pentalobe: PL1, PL2, PL3, PL4
lbs.
: T1, T2, T3, T4, T5, T6,
3.67
T7, T8, T9, T10
Metric Hex: 1.27, 1.5, 2.0, 2.5, 3.0
Inch Hex: .028, .035, .050, 1/16,
5/64, 3/32, 7/64, 1/8, 9/64, 5/32”
Metric Nut Drivers: 1.5, 1.8, 2.0,
2.5, 3.0, 3.5, 4.0, 4.5, 5.0, 5.5
26810 Chip Lifter
92189
8 Piece Inch Nut Driver Set, With
Precision Soft PicoFinish Handle
In storage pouch
Item
Inch Nut Drivers:
No.
3/32, 7/64, 1/8, 9/64,
lbs.
26593
5/32, 3/16, 7/32, 1/4” x 2.4”
.72
26593
8 Piece Metric Nut Driver Set,
With Precision Soft PicoFinish Handle
In storage pouch
Item
Metric Nut Drivers:
No.
2.0, 2.5, 3.0, 3.5, 4.0,
lbs.
26596
4.5, 5.0, 5.5 x 60mm
.66
26596
Inch Nut Drivers, With Precision Soft
PicoFinish Handle Blade high alloy CVM tool
steel, hardened, hard chrome finish.
Item
No.
Inch
Inch Inch Inch pkg.
26571
3/32
2.4
6.3
.71
10
26572
7/64
2.4
6.3
.71
10
26573
1/8
2.4
6.3
.71
10
26574
9/64
2.4
6.3
.71
10
26575
5/32
2.4
6.3
.71
10
26576
3/16
2.4
6.3
.71
10
26577
7/32
2.4
6.3
.71
10
26578
1/4
2.4
6.3
.71
10
*Metric dimensions actual - Inch dimensions approximate
265
Metric Nut Drivers, With Precision
PicoFinish Handle Blade high alloy CVM tool
steel, hardened, hard chrome finish.
Item
No.
mm mm mm mm mm mm
26579
1.5 60
160 2.5 3.0 18
26581
2.0 60
160 3.2 4.0 18
26582
2.5 60
160 4.0 4.0 18
26583
3.0 60
160 5.0 5.0 18
26584
3.5 60
160 5.3 6.0 18
26585
4.0 60
160 5.5 6.0 18
26586
4.5 60
160 6.2 7.0 18
26587
5.0 60
160 6.8 7.0 18
26588
5.5 60
160 7.6 8.0 18
26589
6.0 60
160 8.2 9.0 18
*Metric dimensions actual - Inch dimensions approximate
265
PicoFinish Soft Grip
Nut Drivers
pkg.
10
10
10
10
10
10
10
10
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com