Electronic Components Datasheet Search
  English  ▼

X  

31135 Datasheet(PDF) 23 Page - Wiha Tools

Part # 31135
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

31135 Datasheet(HTML) 23 Page - Wiha Tools

Back Button 31135 Datasheet HTML 19Page - Wiha Tools 31135 Datasheet HTML 20Page - Wiha Tools 31135 Datasheet HTML 21Page - Wiha Tools 31135 Datasheet HTML 22Page - Wiha Tools 31135 Datasheet HTML 23Page - Wiha Tools 31135 Datasheet HTML 24Page - Wiha Tools 31135 Datasheet HTML 25Page - Wiha Tools 31135 Datasheet HTML 26Page - Wiha Tools 31135 Datasheet HTML 27Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
23
www.wihatools.com
Pozidriv® Power Blades
S2 modified tool steel. Hardened & tempered
to HRC 60. Blades fit CentroFix power blade
handle. OAL 90mm/3.5”.
Item
No.
Size
lbs.
pkg.
76011
1
.03
1
76012
2
.04
1
76013
3
.04
1
760
Square Power Blades
S2 modified tool steel. Hardened & tempered
to HRC 60. Blades fit CentroFix power blade
handle. OAL 90mm/3.5”.
Item
No.
Size
lbs.
pkg.
76056
1
.02
1
76057
2
.03
1
76058
3
.04
1
760
Slotted Power Blades
S2 modified tool steel. Hardened & tempered
to HRC 60. Blades fit CentroFix power blade
handle. OAL 90mm/3.5”.
Item
No.
mm
lbs.
pkg.
76035
2.5
.02
1
76036
3.0
.02
1
76037
4.5
.03
1
76038
5.5
.03
1
76039
6.0
.04
1
760
Phillips Power Blades
S2 modified tool steel. Hardened & tempered
to HRC 60. Blades fit CentroFix power blade
handle. OAL 90mm/3.5”.
Item
No.
Size
lbs.
pkg.
76041
0
.01
1
76042
1
.02
1
76043
2
.03
1
76044
3
.04
1
760
Spanner Power Blades
S2 modified tool steel. Hardened & tempered
to HRC 60. Blades fit CentroFix power blade
handle. OAL 90mm/3.5”.
Item
No.
Size
lbs.
pkg.
76026
4
.03
1
76022
6
.03
1
76023
8
.04
1
76024
10
.04
1
760
Tri-Wing Power Blades
S2 modified tool steel. Hardened & tempered
to HRC 60. Blades fit CentroFix power blade
handle. OAL 90mm/3.5”.
Item
No.
Size
lbs.
pkg.
76031
1
.02
1
76032
2
.02
1
76033
3
.03
1
76034
4
.04
1
760
5 Piece Slotted Blade Set
Item
Set includes:
No.
lbs.
Slotted: 2.5, 3.0, 4.5,
76093
.16
5.5, 6.0mm x 90mm
76093
4 Piece Phillips Blade Set
Item
Set includes:
No.
lbs.
Phillips: #0, 1, 2,
76094
.17
3 x 90mm
76094
3 Piece Pozidriv® Blade Set
Item
Set includes:
No.
lbs.
Pozidriv®: #1, 2,
76091
.12
3 x 90mm
76091
3 Piece Square Blade Set
Item
Set includes:
No.
lbs.
Square: #1, 2,
76095
.11
3 x 90mm
76095
3 Piece Spanner Blade Set
Item
Set includes:
No.
lbs.
Spanner: #6, 8,
76089
.12
10 x 90mm
76089
4 Piece Tri-Wing Blade Set
Item
Set includes:
No.
lbs.
Tri-Wing: #1, 2,
76088
.16
3, 4 x 90mm
76088
76000 CentroFix Cushion Grip Blade Holder
Wiha-SoftFinish® impact resistant, with roll off
protection. Ergonomic cushion grip handle.
Quick release bit holder with magnet.
Item
No.
mm mm Inch mm Inch lbs.
76000
6.0 149 5.9 34.6 1.36 .26
Wiha Power Blades
Blades high quality CVM
steel, hard chrome finish
Ergonomic
SoftFinish®
cushion grip
handle
90mm Power Blades
CentroFix quick
release bit holder with
magnet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com