Electronic Components Datasheet Search
  English  ▼

X  

35800 Datasheet(PDF) 13 Page - Wiha Tools

Part # 35800
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

35800 Datasheet(HTML) 13 Page - Wiha Tools

Back Button 35800 Datasheet HTML 9Page - Wiha Tools 35800 Datasheet HTML 10Page - Wiha Tools 35800 Datasheet HTML 11Page - Wiha Tools 35800 Datasheet HTML 12Page - Wiha Tools 35800 Datasheet HTML 13Page - Wiha Tools 35800 Datasheet HTML 14Page - Wiha Tools 35800 Datasheet HTML 15Page - Wiha Tools 35800 Datasheet HTML 16Page - Wiha Tools 35800 Datasheet HTML 17Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
www.wihatools.com
9 Piece MagicRing Metric Ball End
Hex Screwdriver Set Hex blade CVM steel,
hardened, hard chromed. Wiha-SoftFinish®
handle, multi-component, cushion grip.
Item
No.
mm
mm
mm
mm
lbs.
36790
1.5*
75
5.0
150
2.06
2.0*
100
6.0
150
2.5*
100
8.0
200
3.0
100
10.0
200
4.0
125
* Standard Ball - No Ring
36790
6 Piece MagicRing Metric Ball End
Hex Screwdriver Set Hex blade chrome-
vanadium-molybdenum steel, hardened, hard
chromed. Wiha-SoftFinish® handle, multi-
component, cushion grip.
Item
No.
mm mm
mm
mm
lbs.
36792
3.0
100
6.0
150
1.86
4.0
125
8.0
200
5.0
150
10.0 200
36792
Hard Chrome Finish
Cushioned grip and
extra large diameter to
achieve high torque
Flat surfaces give
roll-off protection
molded on handle
for permanent bond
Screw Holding Hex Tools
Screw Holding
Hardened spring steel retaining
ring holds screws on
Hard chrome super durable
corrosion resistant finish
Precision machined for exact fit
Made from Wiha exclusive CVM
hardened tool steel
MagicRing Ball End Hex Driver Metric, With Wiha-SoftFinish® Handle Hex blade, high
alloy CVM steel, hardened, hard chromed. Wiha-SoftFinish® handle, multi-component, cushion grip.
367
Item
No.
mm
mm
Inch
mm
Inch
mm
Inch
lbs.
pkg.
36715*
1.5
75
3.0
179
7.0
23
.91
.06
10
36720*
2.0
100
3.9
204
8.0
23
.91
.07
10
36725*
2.5
100
3.9
204
8.0
23
.91
.07
10
With MagicRing
36730
3.0
100
3.9
204
8.0
23
.91
.07
10
36740
4.0
125
5.0
211
8.3
30
1.18
.12
10
36750
5.0
150
5.0
243
9.6
30
1.18
.16
10
36760
6.0
150
5.0
243
9.6
36
1.42
.23
10
36780
8.0
200
8.0
268
10.6
36
1.42
.37
10
36786
10.0
200
8.0
271
10.7
41
1.61
.54
10
* Standard Ball - No Ring
Wiha MagicRing SoftFinish® Hex Drivers
Switch Cabinet Keys
Item No.
mm
Inch
Pkg. lbs.
21103
76
3.0”
1
.22
Switch Cabinet Key For
applications with all common switch cabinets
and locking systems. Diecast Zinc
21103
Item No.
mm
Inch
Pkg. lbs.
21105
140
5.5”
1
.30
Pen Style
Control Cabinet Key
For applications with all common switch
cabinets and locking systems. Diecast Zinc,
polished finish. Includes: Square 5, 6, 7, 8mm,
Triangular 9mm, Double Bit Key 5mm/Internal
& 9mm/External, Universal 1/4” Bit Adapter,
Magnetic Bit Holder & 2 Double Insert Bits:
Slotted 7mm / Phillips #2 / TORX T20/T25
21105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com