Electronic Components Datasheet Search
  English  ▼

X  

35800 Datasheet(PDF) 30 Page - Wiha Tools

Part # 35800
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

35800 Datasheet(HTML) 30 Page - Wiha Tools

Back Button 35800 Datasheet HTML 26Page - Wiha Tools 35800 Datasheet HTML 27Page - Wiha Tools 35800 Datasheet HTML 28Page - Wiha Tools 35800 Datasheet HTML 29Page - Wiha Tools 35800 Datasheet HTML 30Page - Wiha Tools 35800 Datasheet HTML 31Page - Wiha Tools 35800 Datasheet HTML 32Page - Wiha Tools 35800 Datasheet HTML 33Page - Wiha Tools 35800 Datasheet HTML 34Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
30
Toll Free: (800) 494-6104
8 Pc.
Precision Driver Set,
With Soft PicoFinish Handle Blade high
alloy CVM steel, hardened, hard chromed.
ChromTop finish on tip for a perfect fit.
Item
:
No.
T1, T2, T3, T4,
lbs.
26793
T5, T6, T7, T8
.50
26793
Screwdriver, With Precision
Soft PicoFinish Handle Blade high alloy
CVM tool steel, hardened, hard chrome finish.
Item
No.
Size mm Inch mm
Inch
26732
T1
40
1.6
134
5.3
26733
T2
40
1.6
134
5.3
26735
T3
40
1.6
134
5.3
26736
T4
40
1.6
134
5.3
26737
T5
40
1.6
134
5.3
26739
T6
40
1.6
140
5.5
26741
T7
40
1.6
140
5.5
26743
T8
40
1.6
140
5.5
26745
T9
50
2.0
150
5.9
26747
T10
50
2.0
150
5.9
26749
T15
60
2.4
160
6.3
26751
T20
60
2.4
160
6.3
*Metric dimensions actual - Inch dimensions approximate
267
8 Pc.
Precision Driver Set,
Soft PicoFinish Handle Blade high alloy CVM
steel, hardened, hard chromed. ChromTop
finish on tip for a perfect fit.
Item
:
No.
T5, T6, T7, T8 x 40mm
lbs. .57
26796
T9, T10 x 50mm, T15, T20 x 60mm
26796
Wiha Pico Soft Grip
In storage pouch
7 Pc. Inch Ball End Hex Precision
Driver Set, With Soft PicoFinish Handle
Blade high alloy CVM steel, hardened, hard
chromed. ChromTop finish on tip for a perfect
fit. In storage pouch
Item
lbs.
No.
Ball End Hex Inch:
.27
26493
1/16, 5/64, 3/32 x 2.0”
7/64, 1/8, 9/64, 5/32 x 2.4”
26493
Ball End Hex Inch Screwdriver, With
Precision Soft PicoFinish Handle Blade
high alloy CVM tool steel, hardened, hard
chrome finish.
Item
No.
Inch
Inch mm Inch mm pkg.
26455
1/16 2.0
50
5.9
150 10
26457
5/64 2.0
50
5.9
150 10
26459
3/32 2.0
50
5.9
150 10
26461
7/64 2.4
60
6.3
160 10
26463
1/8
2.4
60
6.3
160 10
26465
9/64 2.4
60
6.3
160 10
26467
5/32 2.4
60
6.3
160 10
*Metric dimensions actual - Inch dimensions approximate
264
Ball End Hex Metric Screwdriver, With
Precision Soft PicoFinish Handle. Blade
high alloy CVM tool steel, hardened, hard
chrome finish.
Item
No.
mm mm Inch mm Inch pkg.
26441
1.3 40
1.6
134 5.3
10
26443
1.5 50
2.0
150 5.9
10
26445
2.0 50
2.0
150 5.9
10
26447
2.5 60
2.4
160 6.3
10
26449
3.0 60
2.4
160 6.3
10
*Metric dimensions actual - Inch dimensions approximate
264
Hex Inch Screwdriver, With Precision
Soft PicoFinish Handle Blade high alloy
CVM tool steel, hardened, hard chrome finish.
Item
No.
Inch
mm Inch mm Inch
26341
.028(0.7)
40
1.6
134 5.3
26343
.035(0.9)
40
1.6
134 5.3
26345
.050(1.3)
40
1.6
134 5.3
26349
5/64(2.0)
50
2.0
150 5.9
26363
1/16
50
2.0
144 5.7
26367
3/32
60
2.4
160 6.3
26369
7/64
60
2.4
160 6.3
26371
1/8
60
2.4
160 6.3
*Metric dimensions actual - Inch dimensions approximate
263
Hex Metric Driver, With Precision Soft
PicoFinish Handle
Item
No.
mm
mm Inch mm Inch
26341
.7(.028)
40
1.6
134 5.3
26343
.9(.035)
40
1.6
134 5.3
26345
1.3(.050)
40
1.6
134 5.3
26347
1.5
50
2.0
144 5.7
26349
2.0(5/64)
50
2.0
150 5.9
26351
2.5
60
2.4
160 6.3
26353
3.0
60
2.4
160 6.3
*Metric dimensions actual - Inch dimensions approximate
263
7 Piece Hex Metric Precision
Driver Set, Soft PicoFinish Handle Blade
high alloy CVM steel, hardened, hard chromed.
Item No. Hex Metric:
lbs.
26393
.71, .89, 1.27 x 40mm
.22
1.5, 2.0 x 50mm, 2.5, 3.0 x 60mm
26393
8 Piece Hex Inch Precision Driver
Set, Soft PicoFinish Handle Blade high alloy
CVM steel, hardened, hard chromed.
Item
Hex Inch:
lbs.
No.
.028, .035, .050 x 1.6”
.24
26392
5/64, 1/16 x 2.0”, 3/32, 7/64, 1/8 x 2.4”
26392
Pico Soft Grip Hex Inch & Metric
Pico Soft Grip Ball End
Inch & Metric
In
storage
pouch
In
storage
pouch
In storage pouch
Pkg.
10
10
10
10
10
10
10
10
10
10
10
10
Pkg.
10
10
10
10
10
10
10
10
Pkg.
10
10
10
10
10
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com