Electronic Components Datasheet Search
  English  ▼

X  

35800 Datasheet(PDF) 4 Page - Wiha Tools

Part # 35800
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

35800 Datasheet(HTML) 4 Page - Wiha Tools

  35800 Datasheet HTML 1Page - Wiha Tools 35800 Datasheet HTML 2Page - Wiha Tools 35800 Datasheet HTML 3Page - Wiha Tools 35800 Datasheet HTML 4Page - Wiha Tools 35800 Datasheet HTML 5Page - Wiha Tools 35800 Datasheet HTML 6Page - Wiha Tools 35800 Datasheet HTML 7Page - Wiha Tools 35800 Datasheet HTML 8Page - Wiha Tools 35800 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
Toll Free: (800) 494-6104
All blades are made of Wiha’s exclusive
formula chrome-vanadium-molybdenum tool
steel, super hardened & hard chrome
finish for unmatched durability
Handle is molded directly onto the blade for a permanent bond.
Large optimized handle diameter allows higher torque
with less user hand fatigue
Wiha tips are precision machined to exact
tolerances for a perfect fit every time
The Wiha SoftFinish® Handle: Featuring advanced technology dual material molding.
A remarkable improvement in handle design, comfort and performance.
The SoftFinish® ergonomic shape allows maximum torque and user comfort.
Wiha SoftFinish® Handle - Ergonomic Cushion Grip
*No Hex Bolster
Slotted Screwdriver, With Wiha-SoftFinish® Handle & Solid Metal Cap
Hex blade extending through handle manufactured from high alloy chrome-vanadium-molybdenum
steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle,
multi-component. Hex bolster for additional torque.
Item
No.
mm Inch
mm Inch mm Inch
mm Inch
mm Inch mm Inch lbs. pkg.
53010*
3.5 .139
75
3.0
0.6 .024
4.0 5/32
186 7.3
30 1.18 .16 10
53015*
4.5 .177
90
3.5
0.8 .031
4.0 5/32
201 7.9
30 1.18 .17 10
53020
5.5 .196
100 3.9
1.0 .039
5.0 13/64 213 8.4
36 1.42 .23 10
53025
6.5 .255
125 5.0
1.2 .047
6.0 1/4
238 9.4
36 1.42 .33 10
53027
8.0 .315
150 5.9
1.2 .047
8.0 5/16
268 10.6 41 1.61 .56 10
53035
10.0 .393
175 7.0
1.6 .063
8.0 5/16
293 11.6 41 1.61 .58 10
53040
12.0 .472
200 8.0
2.0 .079
10.0 25/64 318 12.5 41 1.61 .76 10
530
Phillips Screwdriver, With Wiha-SoftFinish® Handle & Solid Metal Cap
Hex blade extending through handle manufactured from high alloy chrome-vanadium-molybdenum
steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle,
multi-component. Hex bolster for additional torque.
Item
No.
Size
mm
Inch
mm Inch
mm Inch
mm Inch
lbs.
pkg.
53110
1
80
3.1
5.0
13/64 186 7.3
30
1.18
.20
10
53115
2
100
3.9
6.0
1/4
213 8.4
36
1.42
.32
10
53120
3
150
5.9
8.0
5/16
268 10.6
41
1.61
.56
10
531
5 Piece Slotted & Phillips Set -
Extra Heavy Duty
Item
Slotted:
No.
5.5, 6.5, 8.0mm
lbs.
53090
Phillips: #1, 2
1.85
53090
Wiha SoftFinish® Extra Heavy Duty
6 Piece Slotted & Phillips Set -
Extra Heavy Duty
Item
Slotted:
No.
3.5, 4.5, 5.5, 6.5mm
lbs.
53096
Phillips: #1, 2
1.69
53096
5 Piece Slotted & Phillips Set -
Extra Heavy Duty
Item
Slotted:
No.
4.5, 5.5, 6.5mm
lbs.
53075
Phillips: #1, 2
1.48
53075
Wiha exclusive “SoftFinish® Zone” features solid molded core with soft outer cushion
grip. Requires less force, yet achieves 40% more torque than conventional handles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com