Electronic Components Datasheet Search
  English  ▼

X  

35800 Datasheet(PDF) 19 Page - Wiha Tools

Part # 35800
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

35800 Datasheet(HTML) 19 Page - Wiha Tools

Back Button 35800 Datasheet HTML 15Page - Wiha Tools 35800 Datasheet HTML 16Page - Wiha Tools 35800 Datasheet HTML 17Page - Wiha Tools 35800 Datasheet HTML 18Page - Wiha Tools 35800 Datasheet HTML 19Page - Wiha Tools 35800 Datasheet HTML 20Page - Wiha Tools 35800 Datasheet HTML 21Page - Wiha Tools 35800 Datasheet HTML 22Page - Wiha Tools 35800 Datasheet HTML 23Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
19
www.wihatools.com
28199 10 Pc. Drive-Loc VI Interchangeable
Blade Set, In Durable Pouch Set includes
Drive-Loc VI handle & 9 interchangeable blades.
Item No. 28199
lbs.
Slot/Ph: 4.0+1, 6.0+2
1.11
: T6+T8, T7+T9, T10+T15, T20+T25
Hex Inch: 3/32+7/64, 1/8+9/64, 5/32+3/16”
SoftFinish® Cushion Grip Blade Lock Handle
28197 6 Pc. Drive-Loc VI Interchangeable
Blade Set, In Durable Pouch Set includes
Drive-Loc VI handle & 5 interchangeable blades.
Item
lbs.
No. 28197
.83
Security
: T6s+T8s, T7s+T9s,
T10s+T15s, T20s+T25s, T30s+T40s
SoftFinish® Cushion Grip Blade Lock Handle
28194 5 Pc. Drive-Loc VI Interchangeable
Blade Set, In Durable Pouch Set includes
Drive-Loc VI handle & 4 interchangeable blades.
Item No. 28194
lbs.
Slotted: 3.5+4.5, 5.5+6.5
.80
Phillips: 1+2 Square: 1+2
SoftFinish® Cushion Grip Blade Lock Handle
28189 15 Pc. Drive-Loc VI Interchangeable
Blade Set, In Folding Wallet Set includes
Drive-Loc VI handle & 14 interchangeable blades.
Item No. 28189
lbs. 1.75
Slotted: 3.5+4.5, 5.5+6.5
Phillips: 1+2
Security
: T6s+T8s, T7s+T9s,
T10s+T15s, T20s+T25s, T30s+T40s
Hex Inch: 3/32+7/64, 1/8+9/64, 5/32+3/16
Hex Metric: 2.0+2.5, 3.0+4.0, 5.0+6.0mm
SoftFinish® Cushion Grip Blade Lock Handle
Slotted Screwdriver, With Wiha-MicroFinish Handle
Blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed. Wiha-MicroFinish
handle, cellulose-acetate, impact resistant, non-slip, oil and grease resistant. Round blades.
Item
No.
mm Inch
mm
Inch mm Inch
mm
Inch
mm Inch
lbs. pkg.
52005*
4.0
.157
100
3.9
0.8
.031
211
8.3
30
1.18
.16
10
52010*
4.0
.157
150
5.9
0.8
.031
261
10.3
30
1.18
.17
10
52020*
5.5
.216
125
5.0
1.0
.039
236
9.3
30
1.18
.20
10
52025*
5.5
.216
150
5.9
1.0
.039
261
10.3
30
1.18
.21
10
52035
6.5
.255
150
5.9
1.2
.047
268
10.6
36
1.42
.28
10
52040
8.0
.315
150
5.9
1.2
.047
274
10.8
41
1.61
.37
10
52050
10.0 .393
200
8.0
1.6
.063
324
12.8
41
1.61
.50
10
*Cabinet Tips
5 Piece Slotted & Phillips
Screwdriver Set Blade CVM steel, hardened,
hard chromed.
Item
Slotted: 4.0x100,
No.
5.5x125, 8.0x150mm
lbs.
52090
Phillips: 1x80, 2x100mm
1.23
52090
520
Phillips Screwdriver, With Wiha-MicroFinish Handle
521
Item
No.
Size mm
Inch
mm
Inch
mm
Inch
lbs.
pkg.
52105
1
80
3.1
191
7.5
30
1.18
.15
10
52110
1
200
8.0
311
12.2
30
1.18
.21
10
52115
2
100
3.9
218
8.6
36
1.42
.26
10
52120
2
200
8.0
318
12.5
36
1.42
.34
10
52125
3
150
5.9
274
10.8
41
1.61
.41
10
8 Pc. Slotted/Phillips Screwdriver Set
Item No. Slotted: 4.0x100, 5.5x125
52098
6.5, 8.0x150, 10.0x200mm
lbs. 2.58
Phillips: 1x80, 2x100, 3x150mm
Wiha MicroFinish handle has a patented non-slip surface -
It won’t peel, crack or deteriorate when exposed to petroleum
solvents. Oil and moisture flow away from the handle
surface for a powerful, non-slip grip. Get maximum
force & comfort with dry, oily or wet hands.
Exact fit precision
ground tips
Through hardened blades
& hard chrome finish
Hex bolster &
steel strike cap
on 533
& 534 series
CVM, hardened & tempered tool
steel blade, gives exceptional
tool life, wear resistance & high
torque performance
Safe, high density material,
eliminates risk of sharp objects
becoming embedded in the handle
Wiha MicroFinish Handle - Non-Slip Grip
52098
7 Pc. Slotted/Phillips Screwdriver Set
Item
Slotted: 4.0x100,
No.
5.5x125, 8.0x150mm
lbs.
52097
Phillips: #1x80, #1x200,
1.35
#2x100, #2x200mm
52097
12 Piece MicroFinish® Slotted &
Phillips Screwdriver Set
Item
Slotted: 4.0x100,
No.
4.0x150, 5.5x125,
lbs.
52099
5.5x150, 6.5x150,
4.20
8.0x150, 10.0x200mm
Phillips: 1x80, 1x200,
2x100, 2x200, 3x150mm
52099



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com