Electronic Components Datasheet Search
  English  ▼

X  

35800 Datasheet(PDF) 2 Page - Wiha Tools

Part # 35800
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

35800 Datasheet(HTML) 2 Page - Wiha Tools

  35800 Datasheet HTML 1Page - Wiha Tools 35800 Datasheet HTML 2Page - Wiha Tools 35800 Datasheet HTML 3Page - Wiha Tools 35800 Datasheet HTML 4Page - Wiha Tools 35800 Datasheet HTML 5Page - Wiha Tools 35800 Datasheet HTML 6Page - Wiha Tools 35800 Datasheet HTML 7Page - Wiha Tools 35800 Datasheet HTML 8Page - Wiha Tools 35800 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2
Toll Free: (800) 494-6104
Description
Page
SoftFinish® Slotted/Phillips Drivers 4-7
Stubby Slotted/Phillips Drivers
7
SoftFinish® Square Drivers
7
SoftFinish® Pozidriv® Drivers
8
SoftFinish® Spanner Drivers
8
Torx®/TR Torx® Screwdrivers
9-10
SoftFinish® TorxPlus® Drivers
11
SoftFinish® MagicSpring Drivers
9
SoftFinish® MagicRing Drivers
12-13
Measuring Scale Screwdrivers
8
Description
Page
Drive-Loc VI Handles
17
Drive-Loc VI Blades
17-19
Wiha Drive-Loc VI Tools
Wiha SoftFinish® CushionGrip Screwdrivers
Description
Page
MicroFinish Slotted Drivers
19-20
MicroFinish Phillips Drivers
19-20
MicroFinish Torx Drivers
20
MicroFinish Bit Holder
20
Wiha MicroFinish Non-Slip Grip Drivers
Description
Page
3K Series Slotted/Phillips
15
3K Series Torx Drivers
14
3K Series Pozidriv® Drivers
15
3K Series Bit Holders
14
3K Series Hex Inch & Metric
16
Wiha 3K Series Screwdrivers
Description
Page
Proturn Torx® Drivers
21
Wiha Proturn Screwdrivers
Description
Page
Slotted & Phillips Drivers
22
Wiha Square Handle Screwdrivers
Description
Page
Magnetizer/Demagnetizer
31
Wiha Magnetizer/Demagnetizer
Description
Page
Drive-Loc VI Blade Sets
18-19
Wiha Drive-Loc VI Sets
Description
Page
Slotted & Phillips Offset Drivers
22
TORX Offset Screwdrivers
22
Wiha Offset Screwdrivers
Description
Page
Powerhandle Torx® Drivers
21
Wiha Powerhandle Screwdrivers
Description
Page
CentroFix Blade Holder
23, 39
90mm Power Blades
23-24
Power Blade Sets
24
Power Blade Nut Drivers
39-40
100mm Inch/Metric & Sets
Wiha Power Blades & Sets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com