Electronic Components Datasheet Search
  English  ▼

X  

32927 Datasheet(PDF) 10 Page - Wiha Tools

Part # 32927
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32927 Datasheet(HTML) 10 Page - Wiha Tools

Back Button 32927 Datasheet HTML 6Page - Wiha Tools 32927 Datasheet HTML 7Page - Wiha Tools 32927 Datasheet HTML 8Page - Wiha Tools 32927 Datasheet HTML 9Page - Wiha Tools 32927 Datasheet HTML 10Page - Wiha Tools 32927 Datasheet HTML 11Page - Wiha Tools 32927 Datasheet HTML 12Page - Wiha Tools 32927 Datasheet HTML 13Page - Wiha Tools 32927 Datasheet HTML 14Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Insulated 1/4” Drive Ratchet, EN/IEC 60900 & CSA
Chrome-Vanadium steel. Reversible.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
1/4”
140
5.5
.28
1
1000Volt
Wiha Insulated 1/4” Sockets & Sets
Insulated 1/4” Drive Sockets-6 Point, Insulation According
To ASTM F-1505-01, DIN 7448 & CSA Specification, Up To 1000
Volt. Individually Tested. Chrome-vanadium steel, forged, oil-hardened.
Item
No.
Inch
lbs.
pkg.
3/16
.03
1
7/32
.03
1
1/4
.03
1
9/32
.04
1
5/16
.04
1
11/32
.05
1
3/8
.05
1
7/16
.06
1
1/2
.07
1
9/16
.07
1
*Sockets must be used with insulated ratchets & extensions
1000Volt
Insulated 1/4” Drive Sockets-6 Point, Insulation According
To ASTM F-1505-01, DIN 7448 & CSA Specification, Up To 1000 Volt.
Individually Tested. Chrome-vanadium steel, forged, oil-hardened.
Item
No.
mm
lbs.
pkg.
5.0
.03
1
6.0
.03
1
7.0
.03
1
8.0
.04
1
9.0
.04
1
10.0
.05
1
11.0
.05
1
12.0
.06
1
13.0
.06
1
14.0
.07
1
*Sockets must be used with insulated ratchets & extensions
1000Volt
Metric -
6 Point
Inch -
6 Point
10
Wiha Insulated Hex Bit Sockets
1000Volt
7 Pc. Insulated 3/8” Drive Socket Set - Inch
CV steel, forged, oil-hardened sockets. Insulated to EN/IEC 60900.
Item No.
Set includes the following:
lbs. 1.7
3/16, 7/32, 1/4, 5/16, 3/8, 7/16, 1/2”
Insulated 3/8” Drive Sockets - Insulation according to
EN/IEC 60900, DIN 7448 Specification, Up To 1000 Volt.
Individually Tested. Chrome-vanadium steel, forged, oil-hardened.
Item
OAL
No.
Inch
Inch
lbs.
pkg.
3/16
3.1”
.13
1
7/32
3.1”
.14
1
1/4
3.1”
.14
1
5/16
3.1”
.16
1
3/8
3.1”
.18
1
7/16
3.1”
.20
1
1/2
3.1”
.22
1
*Sockets must be used with insulated ratchets & extensions
1000Volt
WARNING!
Insulated Tools are intended to provide protection against accidental
contact with charged energized circuits. For maximum safety we
recommend de-energizing all circuits whenever possible before starting
work on electrical apparatus or conductors. Always visually inspect
insulation on tools before use, do not use tools if insulation shows signs
of wear or damage to the insulated areas of the tool. Wear appropriate
eye protection when using hand tools. Use NFPA70E certified insulated
protective outer wear when appropriate.
Use & Care Guide For Insulated Tools:
Store tools to minimize risk of damage to insulation, always wear
approved eye protection, Inspect insulation prior to each use of any
insulated tool. Use insulated tools where the ambient temperature
is between -20 to +70O C. Have a qualified safety technician visually
inspect insulation on tools annually for safe use.
318
31805
31807
31809
31811
31813
31815
31817
31890
31890
313
31336
31337
31338
31339
31340
31341
31342
31343
31344
31345
313
31326
31327
31328
31329
31330
31331
31332
31333
31334
31335
12851
12851
SHOP
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com