Electronic Components Datasheet Search
  English  ▼

X  

32927 Datasheet(PDF) 27 Page - Wiha Tools

Part # 32927
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32927 Datasheet(HTML) 27 Page - Wiha Tools

Back Button 32927 Datasheet HTML 23Page - Wiha Tools 32927 Datasheet HTML 24Page - Wiha Tools 32927 Datasheet HTML 25Page - Wiha Tools 32927 Datasheet HTML 26Page - Wiha Tools 32927 Datasheet HTML 27Page - Wiha Tools 32927 Datasheet HTML 28Page - Wiha Tools 32927 Datasheet HTML 29Page - Wiha Tools 32927 Datasheet HTML 30Page - Wiha Tools 32927 Datasheet HTML 31Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
27
Insulated BitFlip With Slotted/Phillips/Square Bits
Wiha cushion grip handle and insulated shaft. Tested to 10,000 volts.
Set includes the following 1/4” bits:
Slotted: 4.5, 6.5mm
Phillips: 0, 1, 2, 3
lbs.
Square: 1, 2
.45
8-in-1 Bit Sets
Tested to 10,000 Volts
Tested to 10,000Volts
Tested to 10,000 Volts
8-in-1 Bit Sets
Insulated BitFlip With Slotted/Phillips/TORX® Bits
Wiha cushion grip handle and insulated shaft. Tested to 10,000 volts.
Set includes the following 1/4” bits:
Slotted: 4.5, 6.5mm
Phillips: 1, 2
lbs.
TORX® : T10, T15, T20, T25
.45
Insulated BitFlip With Slotted/Phillips Bits
Wiha cushion grip handle and insulated shaft. Tested to 10,000 volts.
Set includes the following 1/4” bits:
Slotted: 4.5, 5.5, 6.5, 8.0mm
lbs.
Phillips: 0, 1, 2, 3
.45
8-in-1 Bit Sets
Insulated
Insulated
Insulated
Wiha Insulated “BitFlip” Sets
“8-In-1 Bit Sets”
Each insulated
tool individually
tested to
10,000 volts
BitFlip standard SoftFinish®
handle, multi-component,
cushion grip, easy access
& 8 bit storage
Blade CVM tool
steel, hardened
WARNING!
Insulated Tools are intended to provide protection against accidental
contact with charged energized circuits. For maximum safety we
recommend de-energizing all circuits whenever possible before starting
work on electrical apparatus or conductors. Always visually inspect
insulation on tools before use, do not use tools if insulation shows signs
of wear or damage to the insulated areas of the tool. Wear appropriate
eye protection when using hand tools. Use NFPA70E certified insulated
protective outer wear when appropriate.
Use & Care Guide For Insulated Tools:
Store tools to minimize risk of damage to insulation, always wear
approved eye protection, Inspect insulation prior to each use of any
insulated tool. Use insulated tools where the ambient temperature
is between -20 to +70O C. Have a qualified safety technician visually
inspect insulation on tools annually for safe use.
38016
38017
38018
www.wihatools.com
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com