Electronic Components Datasheet Search
  English  ▼

X  

32927 Datasheet(PDF) 24 Page - Wiha Tools

Part # 32927
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32927 Datasheet(HTML) 24 Page - Wiha Tools

Back Button 32927 Datasheet HTML 20Page - Wiha Tools 32927 Datasheet HTML 21Page - Wiha Tools 32927 Datasheet HTML 22Page - Wiha Tools 32927 Datasheet HTML 23Page - Wiha Tools 32927 Datasheet HTML 24Page - Wiha Tools 32927 Datasheet HTML 25Page - Wiha Tools 32927 Datasheet HTML 26Page - Wiha Tools 32927 Datasheet HTML 27Page - Wiha Tools 32927 Datasheet HTML 28Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
24
13 Piece Slotted & Phillips Set
Item No.
Slotted: 2.0, 2.5, 3.0, 3.5, 4.5, 5.5, 6.5, 8.0, 10.0mm
lbs.
Phillips: 0, 1, 2, 3
2.3
Wiha Insulated Screwdriver Sets
15 Piece Slotted, Phillips & Inch Nut Drivers Set
Item No.
lbs.
Slotted: 2.0, 2.5, 3.0, 3.5, 4.5, 6.5, 8.0mm
5.9
Phillips: 1, 2, 3
Nut Drivers Inch: 1/4, 5/16, 3/8, 7/16, 1/2”
1000Volt
10 Piece Slotted & Phillips Set
Item No.
Slotted: 2.0, 2.5, 3.0, 3.5, 4.5, 6.5
lbs.
Phillips: 0, 1, 2, 3
1.63
1000Volt
1000Volt
6 Pc. Insulated Slotted, Phillips & Square Screwdrivers
Item No.
Slotted: 4.5 x 125mm, 6.5 x 150mm
lbs.
Phillips: 1 x 80mm, 2 x 100mm
.83
Square: 1 x 100mm, 2 x 150mm
Wiha Insulated Square Tip Screwdrivers
Square Tip Screwdriver, With Wiha-SoftFinish® Handle
Insulation According to ASTM F-1505-01, New VDE Specification
0682/part 201 and EN/IEC 60900, NFPA70E and CSA,
up to
1000 Volt. Individually Tested. Blade high alloy CVM steel,
hardened, black finish. Insulation molded directly onto blade.
Item
No.
Size
mm
Inch
mm
Inch lbs.
pkg.
1
100
4.0
210
8.2
.12
10
2
150
6.0
268
10.5 .19
10
1000Volt
1000Volt
6 Pc. Insulated Slotted, Phillips & Square Screwdrivers
Item No.
lbs.
Slotted: 3.0, 5.5mm Phillips: 1, 2 Square: 1, 2
.83
Hex Metric Screwdriver, With Wiha-SoftFinish® Handle
Insulation According to ASTM F-1505-01, New VDE Specification
0682/part 201 and EN/IEC 60900, NFPA70E & CSA,
up to
1000 Volt. Individually Tested. Blade high alloy CVM steel,
hardened, black finish. Insulation molded directly onto blade.
Wiha-SoftFinish® handle, multi-component, cushion grip.
Item
No.
Size mm
Inch
mm
Inch
lbs.
pkg.
2.5
75
3.0
179
7.0
.06
10
3.0
75
3.0
179
7.0
.08
10
4.0
75
3.0
186
7.3
.12
10
5.0
75
3.0
186
7.3
.15
10
6.0
100
3.9
218
8.6
.24
10
8.0
100
3.9
218
8.6
.34
10
6 Piece Insulated Hex Metric Screwdriver Set
Item No.
lbs.
Hex Metric: 2.5, 3.0, 4.0, 5.0, 6.0, 8.0mm
1.06
Wiha Insulated Hex Mertic Screwdrivers
1000Volt
1000Volt
19 Piece Slotted, Phillips, Square, Xeno Screwdriver Set
Insulated Screwdriver set in a light weight tool box tray.
Item No.
Slotted: 2.5, 3.0, 3.5, 4.0, 4.5, 5.5, 6.0, 6.5, 8.0, 10.0mm
Phillips: #0, #1, #2, #3
Square: #1, #2
lbs.
Xeno Terminal: #1, #2
4.92
Single Pole Voltage Detector 110V to 250V
1000Volt
Tool box set
in blow molded tray
32094
32094
32093
32093
32190
32190
32095
32095
323
32302
32303
32304
32305
32306
32308
32366
32366
358
35811
35812
35890
35890
35891
35891
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com