Electronic Components Datasheet Search
  English  ▼

X  

32927 Datasheet(PDF) 36 Page - Wiha Tools

Part # 32927
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32927 Datasheet(HTML) 36 Page - Wiha Tools

Back Button 32927 Datasheet HTML 32Page - Wiha Tools 32927 Datasheet HTML 33Page - Wiha Tools 32927 Datasheet HTML 34Page - Wiha Tools 32927 Datasheet HTML 35Page - Wiha Tools 32927 Datasheet HTML 36Page - Wiha Tools 32927 Datasheet HTML 37Page - Wiha Tools 32927 Datasheet HTML 38Page - Wiha Tools 32927 Datasheet HTML 39Page - Wiha Tools 32927 Datasheet HTML 40Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Insulated Long Nose Pliers
1000volt
Item
No.
mm
Inch
Pkg. wt.
160
6.3
#10
1
.32
200
8.0
#8
1
.42
Long Nose Pliers With Cutters. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E & CSA,
up to 1000 volt. Individually Tested. Drop-forged from special tool
steel, cutters additionally induction hardened (approx. 60 HRC), chrome-
nickel plated, mirror-polished, ergonomic comfort grip with slip guard,
half-round jaws, serrated gripping surface.
Item
No.
mm
Inch
Pkg. wt.
200
8.0
#8
1
.43
160
6.3
#10
1
.32
Bent Nose Pliers With Cutters. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E &
CSA,
up to 1000 volt. Individually Tested.
Drop-forged from special tool steel, cutters additionally induction
hardened (approx. 60 HRC), chrome-nickel plated, mirror-polished.
Ergonomic comfort grip with slip guard. Half-round jaws, serrated
gripping surface, nose bent 40o.
Insulated Bent Nose Pliers
Angled 40O
1000volt
Cutting Capacity
Copper AWG
Cutting Capacity
Copper AWG
Item
No.
mm
Inch
Pkg.
wt.
160
6.3
1
.34
Round Nose Pliers. Insulation According to VDE 0682/
part 01, EN/IEC 60900, ASTM F-1505-01, NFPA70E & CSA,
up to
1000 volt. Individually Tested. Drop-forged from special tool
steel, individually induction hardened, chrome and nickel plated,
mirror-polished. Ergonomic comfort grip with slip guard. Serrated jaws.
1000volt
Round Nose Pliers
Item
No.
mm
Inch
Pkg.
wt.
160
6.3
1
.39
Long Flat Nose Pliers. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E &
CSA,
up to 1000 volt. Individually Tested. DIN ISO 5745
Extra long head. Serrated Jaws are induction hardened. Special CV
tool steel forgings, Chrome finish. Two component Soft Grip handles.
Use for Gripping and right-angle bending of wires and sheet metal parts.
1000volt
Insulated Long Flat Nose Pliers
36
Wiha Canvas Pliers Holster
Pliers Canvas Holster
Item
Width
Height
No.
Size
Size
lbs.
pkg.
3.5
x
6.75
.15
1
· Canvas holster with belt clip and belt loop
· Security pliers strap
· Screwdriver holder in the front
Stripping Pliers. Insulation According to VDE 0682/part
201, EN/IEC 60900, ASTM F-1505-01, NFPA70E and CSA,
up to 1000 volt. Individually Tested. Heavy duty forged, induction
hardened cutting edges for even stripping of insulation. Drop-forged from
special tool steel, chrome and nickel plated, mirror-polished. Spring and
adjusting screw, for stripping up to Ø 5mm/#4 Awg.
Item
No.
mm
Inch
Pkg.
wt.
160
6.3
#8 - #28
1
.50
1000volt
Insulated Stripping Pliers
Stripping Capacity
Copper AWG
32806
32808
328
32804
32807
328
32870
32870
32810
32810
91256
91256
32860
32860
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com