Electronic Components Datasheet Search
  English  ▼

X  

32927 Datasheet(PDF) 40 Page - Wiha Tools

Part # 32927
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32927 Datasheet(HTML) 40 Page - Wiha Tools

Back Button 32927 Datasheet HTML 36Page - Wiha Tools 32927 Datasheet HTML 37Page - Wiha Tools 32927 Datasheet HTML 38Page - Wiha Tools 32927 Datasheet HTML 39Page - Wiha Tools 32927 Datasheet HTML 40Page - Wiha Tools 32927 Datasheet HTML 41Page - Wiha Tools 32927 Datasheet HTML 42Page - Wiha Tools 32927 Datasheet HTML 43Page - Wiha Tools 32927 Datasheet HTML 44Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
40
5 Pc. Insulated Industrial Diagonal Cutters & Screwdrivers
Item No.
Insulated Diagonal Cutters & Screwdrivers
6.3”/160mm Diagonal Cutter
Insulated Drivers:
Slotted: 3.0, 4.5mm • Phillips: #1, #2
lbs. 1.17
1000Volt
6 Pc. Insulated Industrial Combo Pliers & Screwdrivers
Item No.
Insulated Combination Pliers & Screwdrivers
8.0” Combination Pliers & 8” Long Nose Pliers
Drivers:
Slotted: 3.0, 4.5mm • Phillips: #2 • Square: #2
lbs. 2.06
1000Volt
7 Pc. Insulated Industrial Pliers/Cutters & Screwdrivers
Item No.
Insulated Pliers/Cutters & Screwdrivers
8.0” Combo Pliers, 6.3” Long Nose, 6.3” Diagonal Cutters
Insulated Drivers:
Slotted: 3.0, 4.5mm • Phillips: #1, #2
lbs. 2.30
1000Volt
In Belt Pack
Pouch
3 Pc. Insulated Industrial Pliers & Cutters
Item No.
Insulated Pliers & Cutters
8.0” Combo Pliers, 8.0” Long Pliers, 8.0” Diagonal Cutters
lbs. 2.18
1000Volt
Tools meet ASTM,
IEC, VDE, EN,
NFPA & CSA
standards
Individually Tested
Tools meet ASTM,
IEC, VDE, EN,
NFPA & CSA
standards
Individually Tested
Tools meet ASTM,
IEC, VDE, EN,
NFPA & CSA
standards
Individually Tested
Tools meet ASTM,
IEC, VDE, EN,
NFPA & CSA
standards
9 Piece Insulated Industrial Pliers & Cutters Set
Insulated pliers & cutters set in a light weight tool box tray.
Item No.
9.0” Lineman’s Pliers
8.0” High Leverage Combo Pliers
6.3” Long Nose Pliers
8.0” Cable Cutters
8.0” Long Nose Pliers
6.3” Stripping Pliers
lbs.
6.3” Diagonal Cutters
7.0” Crimping Pliers
6.34
8.0” Diagonal Cutters
1000Volt
Tool box set
in blow molded tray
Wiha Insulated Industrial Tool Sets
Tools meet ASTM,
IEC, VDE, EN,
NFPA & CSA
standards
28 Piece Insulated Industrial Pliers & Cutters Set
Insulated pliers & cutters set in a light weight tool box tray.
Item No.
Set Includes:
9.0” Lineman’s Pliers
lbs.
8.0” High Leverage Combo Pliers
6.34
6.3” & 8.0” Long Nose Pliers
8.0” Cable Cutters
6.3” & 8.0” Diagonal Cutters
6.3” Stripping Pliers
7.0” Crimping Pliers
Slotted: 2.5, 3.0, 3.5, 4.0, 4.5, 5.5, 6.0, 6.5, 8.0, 10.0mm
Phillips: #0, #1, #2, #3
Xeno Slotted/Phillips: #1, #2 & Square: #1, #2
Voltage Detector 3.0mm 110-225Volts
1000Volt
Tool box set
in blow molded trays
Wiha Insulated Tool Tray Sets
Tools meet ASTM,
IEC, VDE, EN,
NFPA & CSA
standards
32999
32999
32985
32985
32981
32981
32983
32983
32984
32984
32989
32989
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com