Electronic Components Datasheet Search
  English  ▼

X  

75965. Datasheet(PDF) 18 Page - Wiha Tools

Part # 75965.
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

75965. Datasheet(HTML) 18 Page - Wiha Tools

Back Button 75965. Datasheet HTML 14Page - Wiha Tools 75965. Datasheet HTML 15Page - Wiha Tools 75965. Datasheet HTML 16Page - Wiha Tools 75965. Datasheet HTML 17Page - Wiha Tools 75965. Datasheet HTML 18Page - Wiha Tools 75965. Datasheet HTML 19Page - Wiha Tools 75965. Datasheet HTML 20Page - Wiha Tools 75965. Datasheet HTML 21Page - Wiha Tools 75965. Datasheet HTML 22Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
18
Security Hex Inch Insert Bits, 1/4”
Item
No.
Inch
mm
pkg. lbs.
71930
5/64
25
10
.12
71932
3/32
25
10
.12
71934
7/64
25
10
.12
71936
1/8
25
10
.12
71938
9/64
25
10
.12
71940
5/32
25
10
.12
71955
3/16
25
10
.13
71956
7/32
25
10
.14
71960
1/4
25
10
.15
719
719
Security Hex Inch Insert Bit Packs, 1
”
CVM S2 modified tool steel.
Item
No.
Inch
mm
lbs.
71970
5/64
25
.03
71971
3/32
25
.03
71972
7/64
25
.03
71973
1/8
25
.03
71974
9/64
25
.03
71975
5/32
25
.03
71976
3/16
25
.04
71977
7/32
25
.04
71978
1/4
25
.04
719
719
Security Hex Metric Insert Bits, 1/4”
Item
No.
mm mm pkg. lbs.
71939
2.0
25
10
.12
71941
2.5
25
10
.12
71942
3.0
25
10
.12
71943
4.0
25
10
.12
71944
5.0
25
10
.15
71945
6.0
25
10
.15
71946
8.0
25
10
.20
Security Hex Metric Insert Bit Packs,
1
” CVM S2 modified tool steel.
Item
No.
mm
mm
lbs.
71979
2.0
25
.03
71980
2.5
25
.03
71981
3.0
25
.03
71982
4.0
25
.03
71983
5.0
25
.04
71984
6.0
25
.04
71985
8.0
25
.05
2 bit
pack
Hex Inch Power Bits. 1/4” Hex Drive,
Length 2.0”/50mm
Item
No.
Inch
mm
pkg. lbs.
74311
3/32 50
10
.30
74312
7/64 50
10
.30
74313
1/8
50
10
.30
74314
9/64 50
10
.30
74315
5/32 50
10
.30
74316
3/16 50
10
.30
74317
7/32 50
10
.30
74318
1/4
50
10
.30
743
Hex Metric Power Bits. 1/4” Hex
Drive, Length 2.0”/50mm
Item
No.
mm
mm pkg. lbs.
74325
2.5
50
10
.25
74330
3.0
50
10
.25
74340
4.0
50
10
.25
74350
5.0
50
10
.25
74360
6.0
50
10
.25
74380
8.0
50
10
.38
743
Hex Metric Power Bit Packs, 2”
Item
No.
mm mm lbs.
74361
2.5 50
.07
74362
3.0 50
.07
74363
4.0 50
.07
74364
5.0 50
.07
74365
6.0 50
.07
74366
8.0 50
.09
743
2 bit
pack
Hex Inch Power Bit Packs, 2”
Item
No.
Inch mm lbs.
74381
3/32 50 .07
74382
7/64 50 .07
74383
1/8
50 .07
74384
9/64 50 .07
74385
5/32 50 .07
74386
3/16 50 .07
74387
7/32 50 .07
74388
1/4
50 .07
743
2 bit
pack
Hex Inch Power Bits
1/4” Hex Drive, Length 2.75”/70mm
Item
No.
Inch
mm
pkg. lbs.
74341
5/64 70
1
.36
74342
3/32 70
1
.36
74343
7/64 70
1
.36
74344
1/8
70
1
.36
74345
9/64 70
1
.36
74346
5/32 70
1
.36
74347
3/16 70
1
.36
74348
7/32 70
1
.36
74349
1/4
70
1
.36
743
Hex Metric Power Bits
1/4” Hex Drive, Length 2.75”/70mm
Item
No.
mm
mm
pkg. lbs.
74351
2.0
70
1
.36
74352
2.5
70
1
.36
74353
3.0
70
1
.36
74354
4.0
70
1
.36
74355
5.0
70
1
.36
74356
6.0
70
1
.36
74357
8.0
70
1
.36
743
Wiha Hex Inch & Metric Power Bits
Wiha Security Hex Insert Bits
2 bit
pack
Hex Metric Power Bits
1/4” Hex Drive, Length 3.5”/90mm
Item
No.
mm
mm
pkg. lbs.
74332
2.0
90
1
.40
74333
2.5
90
1
.40
74334
3.0
90
1
.40
74335
4.0
90
1
.40
74336
5.0
90
1
.40
74337
6.0
90
1
.40
743
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com