Electronic Components Datasheet Search
  English  ▼

X  

75965. Datasheet(PDF) 42 Page - Wiha Tools

Part # 75965.
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

75965. Datasheet(HTML) 42 Page - Wiha Tools

Back Button 75965. Datasheet HTML 38Page - Wiha Tools 75965. Datasheet HTML 39Page - Wiha Tools 75965. Datasheet HTML 40Page - Wiha Tools 75965. Datasheet HTML 41Page - Wiha Tools 75965. Datasheet HTML 42Page - Wiha Tools 75965. Datasheet HTML 43Page - Wiha Tools 75965. Datasheet HTML 44Page - Wiha Tools 75965. Datasheet HTML 45Page - Wiha Tools 75965. Datasheet HTML 46Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
42
Nut Setters Standard With
Permanent Industrial Magnet, 1/4” Hex
Metric Nut Setters
Item
No.
Size
mm
lbs.
70437
5.0
55
.04
70438
5.5
55
.05
70440
6.0
55
.05
70442
7.0
55
.05
70445
8.0
55
.05
70448
10.0
55
.06
70450
13.0
55
.07
704 Metric
Nut Setters Standard. 1/4” Hex Inch
Permanent industrial magnet.
Item No.
Length
mm
lbs.
70462
2.5”
65
.06
70463
4.0”
102
.10
70464
6.0”
152
.15
70466
12.0”
305
.27
704
Nut Setters Standard. 5/16” Hex Inch
Permanent industrial magnet.
Item No.
Length
mm
lbs.
70468
2.5”
65
.07
70469
4.0”
102
.12
70470
6.0”
152
.17
70472
12.0”
305
.28
704
Wiha Inch & Metric Nut Setters
Magnetic 1/4”
1/4”
5/16”
Nut Setters Standard. 1/4” Hex Inch
Item No.
Size
mm
lbs.
70424
1/4
55
.05
70427
5/16
55
.05
70430
3/8
55
.06
704
Nut Setters Standard. 3/8” Hex Inch
Permanent industrial magnet.
Item No.
Length
mm
lbs.
70474
2.5”
65
.08
70476
4.0”
102
.14
70477
6.0”
152
.18
70479
12.0”
305
.41
704
3 pc. Hex Inch Nut Setter Set
Permanent industrial magnet. 65mm OAL
Hex Inch Nut Setters.
Item
Set includes
No.
lbs.
the following:
70490
.25
1/4, 5/16, 3/8 x 2.5”
70490
3 pc. Hex Inch Nut Setter Set
Permanent industrial magnet. 102mm OAL
Item No.
Set includes
70491
lbs.
the following:
.39
1/4, 5/16, 3/8 x 4.0”
70491
3 pc. Hex Inch Nut Setter Set
Permanent industrial magnet. 152mm OAL
Item
Set includes
No.
lbs.
the following:
70492
.54
1/4, 5/16, 3/8 x 6.0”
70492
3 pc. Hex Inch Nut Setter Set
Permanent industrial magnet. 305mm OAL
Item No.
Set includes
70493
lbs.
the following:
1.03
1/4, 5/16, 3/8 x 12.0”
70493
3 pc. Hex Metric Nut Setter Set
Permanent industrial magnet. 55mm OAL
Hex Metric Nut Setters.
Item
Set includes
No.
lbs.
the following:
70494
.21
7, 8, 10 x 55mm
70494
Non Magnetic
12”
6”
4”
2.5”
3/8”
55mm
19 Pc. Quick Change Bit Belt Pack
Set, Includes: 1/4” quick release bit holder
and the following 1/4” bits and Nut Setters:
Slotted - Power: 4.5, 5.5, 6.5mm x 50mm
Phillips - Power: #1, #2, #3 x 50mm
Square - Power: #1, #2, #3 x 50mm
Torx® - Insert: T10, T15, T20, T25,
T27, T30 x 25mm
Nut Setters-Power: 1/4, 5/16, 3/8” Magnetic
lbs. .93
74990
Canvas Belt
Clip Pouch
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com