Electronic Components Datasheet Search
  English  ▼

X  

75965. Datasheet(PDF) 29 Page - Wiha Tools

Part # 75965.
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

75965. Datasheet(HTML) 29 Page - Wiha Tools

Back Button 75965. Datasheet HTML 25Page - Wiha Tools 75965. Datasheet HTML 26Page - Wiha Tools 75965. Datasheet HTML 27Page - Wiha Tools 75965. Datasheet HTML 28Page - Wiha Tools 75965. Datasheet HTML 29Page - Wiha Tools 75965. Datasheet HTML 30Page - Wiha Tools 75965. Datasheet HTML 31Page - Wiha Tools 75965. Datasheet HTML 32Page - Wiha Tools 75965. Datasheet HTML 33Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
29
Drive-Loc VI Adjustable
Wiha Security Bits Collectors
Bits Collector with Security
,
Tri-Wing, Torq Set, Spanner, Security Hex,
Slotted, Phillips, Pozidriv® and Square bits.
39 Pc. Set includes: Handle, 1/4” magnetic
bit holder, 1/4” Bit holding socket adapter,
storage box & the following 1/4” bits:
Security
: T8s, T10s, T15s,
T20s, T25s, T27s, T30s, T40s
Security Hex: 5/64, 3/32, 7/64,
1/8, 9/64, 5/32”
Tri-Wing: 1, 2, 3, 4
Torq Set: 6, 8, 10
Spanner: 4, 6, 8, 10
Slotted: 6.5, 8.0mm
Phillips: 1, 2
lbs.
Pozidriv®: 0, 1, 2, 3
1.03
Square: 1, 2, 3
71990
Bits Collector with
, Slotted,
Phillips, Pozidriv®, Square & Hex Inch bits.
26 Pc. Set Includes: Handle, 1/4” bit holder,
storage box & the following 1/4” bits:
: T8, T10, T15, T20,
T25, T27, T30, T40
Slotted: 4.5, 5.5, 6.0mm
Phillips: 1, 2 & Pozidriv®: 1, 2, 3
Square: 1, 2
lbs.
Hex Inch: 1/16, 5/64, 3/32,
.89
1/8, 5/32, 3/16”
71994
Bits Collector with Security
,
Tri-Wing, Torq Set, Spanner, Security Hex,
Slotted, Phillips, Pozidriv® and Square bits.
39 Pc. Set includes: Handle, Clicfix quick
release bit holder 1/4” Bit holding socket
adapter, storage box & the following 1/4” bits:
Security
: T8s, T10s, T15s,
T20s, T25s, T27s, T30s, T40s
Security Hex: 5/64, 3/32, 7/64,
1/8, 9/64, 5/32”
Tri-Wing: 1, 2, 3, 4
Torq Set: 6, 8, 10
Spanner: 4, 6, 8, 10
Slotted: 6.5, 8.0mm
Phillips: 1, 2
lbs.
Pozidriv®: 0, 1, 2, 3
1.04
Square: 1, 2, 3
71991
Drive-Loc VI Bits Collector with
Security
, Tri-Wing, Torq Set,
Spanner, Security Hex, Slotted, Phillips,
Pozidriv® & Square bits. 39 Piece Set
Includes: Drive-Loc VI handle & 4” Bit holder,
socket, storage box & the following 1/4” bits:
Security
: T8s, T10s, T15s,
T20s, T25s, T27s, T30s, T40s
Security Hex: 5/64, 3/32, 7/64,
1/8, 9/64, 5/32”
Tri-Wing: 1, 2, 3, 4
Torq Set: 6, 8, 10
Spanner: 4, 6, 8, 10
Slotted: 6.5, 8.0mm
Phillips: 1, 2
lbs.
Pozidriv®: 0, 1, 2, 3
1.05
Square: 1, 2, 3
71997
Adjustable locking
(7/8” - 3 1/2” in
1/8” increments)
With Quick
Release
Holder
Bits Collector with Phillips & Hex
Inch bits. 51 Piece Set Includes: ClicFix
Quick Release Bit Holder storage box
and the following 1/4” bits:
10 Each Phillips: 1, 2 &
5 Phillips: 3
lbs.
10 Each Hex Inch: 1/8, 3/16” &
1.24
5 Hex Inch: 5/32”
71095
Bits Collector with Security 1/4”
Insert bits. 29 Piece Set Includes:
1/4” Bit Holder, 1/4” Bit holding socket
adapter, 1/4” Universal Magnetic Bit Holder,
storage box and the following 1/4” bits:
Security
: T9s, T10s, T15s, T20s,
T25s, T27s, T30s, T40s
Security Hex: 1/8, 3/32, 7/64, 9/64,
5/32, 3/16, 7/32, 1/4”
Tri-Wing: 4, 5 & Torq Set: 5, 8,
lbs.
Pozidriv®: 2 & Square: 1, 2,
.99
Spanner: 6, 8, 10
71992
Wiha Security Bits
Collector With Extra Fine
72 Tooth Ratchet
Bits Collector with Security
,
Tri-Wing, Torq Set, Spanner, Security Hex,
Slotted, Phillips, Pozidriv® and Square bits.
38 Pc. Set includes: 1/4” Bit Holding Ratchet,
1/4” magnetic bit holder, storage box
and 1/4” Insert bits:
Security
: T8s, T10s, T15s,
T20s, T25s, T27s, T30s, T40s
Security Hex: 5/64, 3/32,
7/64, 1/8, 9/64, 5/32”
Tri-Wing: 1, 2, 3, 4
Torq Set: 6, 8, 10
Spanner: 4, 6, 8, 10
Slotted: 6.5, 8.0mm
Phillips: 1, 2
lbs.
Pozidriv®: 0, 1, 2, 3
1.02
Square: 1, 2, 3
71988
72
Low profile 72 tooth
Fast action thumb ring
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com