Electronic Components Datasheet Search
  English  ▼

X  

75965. Datasheet(PDF) 31 Page - Wiha Tools

Part # 75965.
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

75965. Datasheet(HTML) 31 Page - Wiha Tools

Back Button 75965. Datasheet HTML 27Page - Wiha Tools 75965. Datasheet HTML 28Page - Wiha Tools 75965. Datasheet HTML 29Page - Wiha Tools 75965. Datasheet HTML 30Page - Wiha Tools 75965. Datasheet HTML 31Page - Wiha Tools 75965. Datasheet HTML 32Page - Wiha Tools 75965. Datasheet HTML 33Page - Wiha Tools 75965. Datasheet HTML 34Page - Wiha Tools 75965. Datasheet HTML 35Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
31
79243
Bit-Selector With Slotted, Phillips
&
Bits, Includes 1/4” Bit Holder
& The Following 10 Bits:
lbs. .32
Slotted: 4.5, 5.5, 6.0mm
Phillips: #0, 1, 2, 3
: T10, T15, T20
Wiha Bit Selectors
79248
Bit-Selector With Slotted, Phillips
& Square Bits, Includes 1/4” Bit Holder
& The Following 10 Bits:
lbs. .32
Slotted: 4.5, 5.5, 6.0mm
Phillips: #0, 1, 2, 3
Square: #1, 2, 3
Compact size and easy bit
selection make the Bit Selector an
ideal maintenance tool
Slide out drawer
allows quick bit access
and secure storage
Plastic storage box
is compact, durable and
light weight
1/4” Magnetic
Adapter
fits all standard
1/4” bits
Molded hex cavity in box end
Magnetic adapter fits into opening so tool
case can be used as a handle on quick
fastening jobs
792 Sets
71090 Bit-Selector With Slotted, Phillips
& Hex 1/4” Bits, Includes Magnetic 1/4” Bit
Holder & The Following 9 Bits:
Slotted: 4.5, 5.5, 6.5mm
lbs.
Phillips: #1, 2, 3
.31
Hex Inch: 1/8, 5/32, 3/16”
79443
XSelector Bit Set With Slotted,
Phillips, and
Bits Set Includes Quick
Release Holder & the following 10 bits:
Slotted: 5.5, 6.5, 8.0mm
Phillips: #0, 1, 2, 3
lbs.
: T10, T15, T20
.27
Wiha XSelector & XLSelector Bit Sets
Compact size and easy bit selection
make the Wiha XSelector an ideal
maintenance tool
Easy bit
access with
hinged cover
XSelector Pocket Sized
3 1/8” x 2 1/8” x 1/2”
Sets include
Clicfix quick
release holder
XLSelector Pocket Sized
5.3” x 3.1” x .7”
79495 XLSelector Bit Set With Slotted,
Phillips,
, Hex Bits, 31 Pc. Set Includes:
ClicFix Bit Holder-magnetic & 30 Insert Bits:
Slotted: 4.5, 5.5, 6.0mm
Phillips: #0, 1, 2, 3
: T6, T7, T8, T9,
T10, T15, T20, T25
Metric Hex: 2.0, 2.5, 3.0,
lbs.
4.0, 5.0, 6.0mm
.62
Inch Hex: 5/64, 3/32, 7/64, 1/8,
9/64, 5/32, 3/16, 7/32, 1/4”
79490 XLSelector Security Bit Set, 31 Pc.
Set Includes Universal Bit Holder-magnetic
and the following 30 bits:
Slotted: 6.0mm
Phillips: #1, 2
Torq Set: #6, 8, 10
Square: #1, 2
Triwing: #2, 3, 4, 5
Pozidriv: #1, 2
Spanner: #4, 6, 8, 10
Security
: T8s,
lbs.
T10s, T15s, T20s, T25s
.64
Security Hex: 5/64, 3/32,
7/64, 1/8, 9/64, 5/32, 3/16”
These handy sets include 10 hardened bits of CVM
steel. 1/4” Quick Release holder can be used in power
tools. Quick bit access through integrated bit-clamp.
Bit-Selector Sets
These handy sets include 10 hardened bits
of chrome-vanadium-molybdenum steel. 1/4”
magnetic bit holder can be used in power
tools. Plastic storage box is compact, durable
and light weight. Molded hex cavity turns box
into handle for quick fastening jobs. Quick bit
access with slide out drawer. Packaged in
clear blister pack.
XLSelector 1/4” Ratchet & Bit Set
Wiha 1/4” ratchet bit handle, bit holder &
15 Insert bits Includes:
Slotted: 4.5, 5.5, 6.0mm
Phillips: #0, 1, 2
: T7, T8, T9, T10, T15, T20, T25
Square: #1, 2
lbs. .56
79499
XLSelector 1/4” Ratchet & Bit Set
Wiha 1/4” ratchet bit handle, bit holder &
15 Insert bits Includes:
Slotted: 4.5, 6.0mm
Phillips: #1, 2, 3
lbs.
Square: #1, 2
.56
Pozidriv: #1, 2
Hex Metric: 2.0, 2.5, 3.0, 4.0, 5.0, 6.0mm
79491
79493 XLSelector Security Bit Set, 31 Pc.
Set Includes Universal Bit Holder-magnetic
and the following 30 bits:
Slotted: 4.5, 5.5, 6.0mm
Phillips: #1, 2, 3
Square: #1, 2
: T7, T8, T9, T10, T15, T20, T25
Hex Metric: 2.0, 2.5, 3.0, 4.0, 5.0, 6.0mm
Hex Inch: 5/64, 3/32, 7/64, 1/8, 9/64,
5/32, 3/16, 7/32, 1/4”
lbs. .64
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com