Electronic Components Datasheet Search
  English  ▼

X  

75965. Datasheet(PDF) 43 Page - Wiha Tools

Part # 75965.
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

75965. Datasheet(HTML) 43 Page - Wiha Tools

Back Button 75965. Datasheet HTML 39Page - Wiha Tools 75965. Datasheet HTML 40Page - Wiha Tools 75965. Datasheet HTML 41Page - Wiha Tools 75965. Datasheet HTML 42Page - Wiha Tools 75965. Datasheet HTML 43Page - Wiha Tools 75965. Datasheet HTML 44Page - Wiha Tools 75965. Datasheet HTML 45Page - Wiha Tools 75965. Datasheet HTML 46Page - Wiha Tools 75965. Datasheet HTML 47Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
43
Sockets 1/4
” Square Drive
Item
No.
Size
mm
lbs.
76106
T6
38
.04
76107
T7
38
.04
76109
T8
38
.04
76111
T9
38
.04
76113
T10
38
.04
76117
T15
38
.04
76119
T20
38
.04
76121
T25
38
.04
76123
T27
38
.04
76129
T30
38
.05
76131
T40
38
.05
761
Sockets 3/8
” Square drive,
Set screw replaceable bit. 1/4” bits.
Item
No.
Size mm
lbs.
76312
T9
42
.09
76314
T10
42
.09
76316
T15
42
.09
76318
T20
42
.09
76322
T25
42
.09
76324
T27
42
.09
76326
T30
42
.09
76328
T40
42
.09
763
Sockets 1/4
” Square Drive,
Set Screw Replaceable Bit. 1/4” bits
Item
No.
Size
mm
lbs.
71661
IP6
38
.04
71662
IP7
38
.04
71663
IP8
38
.04
71664
IP9
38
.04
71665
IP10
38
.04
71666
IP15
38
.04
71667
IP20
38
.04
71668
IP25
38
.04
71669
IP27
38
.04
71670
IP30
38
.04
71671
IP40
38
.04
716
Sockets 3/8
” Square drive, Set
screw replaceable bit. 5/16” bits. 2” OAL
Item
No.
Size mm
lbs.
76346
T40
51
.11
76348
T45
51
.11
76352
T50
51
.11
76354
T55
51
.13
763
Security
Sockets
3/8
” Square drive, 1/4” bits. 2” OAL
Item
No.
Size
mm
lbs.
70107
T7s
42
.09
70108
T8s
42
.09
70109
T9s
42
.09
70110
T10s 42
.09
70113
T15s 42
.09
70115
T20s 42
.09
70117
T25s 42
.09
70119
T27s 42
.09
70121
T30s 42
.09
70123
T40s 42
.09
701
Wiha TORX®, TORXPlus® & Security TORX® Bit Sockets
1/2” Square Drive Sockets
Set Screw
Replaceable
Bits
Set Screw
Replaceable
Bits
Security
Sockets
3/8
” Square drive, 5/16” bits.
Item
No.
Size
mm
76339
T40s
51
76340
T45s
51
76341
T50s
51
76342
T55s
51
763
Set Screw
Replaceable
Bits
Security
Sockets
1/4
” Square drive, 1/4” bits.
Item
No.
Size
mm
76329
T7s
38
76330
T8s
38
76331
T9s
38
76332
T10s
38
76333
T15s
38
76334
T20s
38
76335
T25s
38
76336
T27s
38
76337
T30s
38
76338
T40s
38
763
Set Screw
Replaceable
Bits
Sockets 3/8
” Square Drive,
Set Screw Replaceable Bit. 1/4” bits
Item
No.
Size
mm
lbs.
71673
IP9
42
.09
71674
IP10
42
.09
71675
IP15
42
.09
71676
IP20
42
.09
71677
IP25
42
.09
71678
IP27
42
.09
71680
IP30
42
.09
71681
IP40
42
.09
716
Sockets 1/2
” Square Drive
Item
No.
Size
mm
lbs. pkg.
76403
T30
59
.10
1
76404
T40
59
.10
1
76405
T45
59
.10
1
76406
T50
59
.10
1
76407
T55
59
.11
1
764
Set Screw
Replaceable
Bits
Security
Sockets
1/2
” Square Drive
Item
No.
Size
mm
lbs. pkg.
76411
T40s 59
.11
1
76412
T45s 59
.11
1
76413
T50s 59
.11
1
76414
T55s 59
.12
1
764
Set Screw
Replaceable
Bits
Slotted Bit Sockets 1/2
” Square Drive
Item
No.
mm
mm
lbs. pkg.
76417
8
59
.12
1
76418
10
59
.12
1
76419
12
59
.12
1
764
Set Screw
Replaceable
Bits
Phillips Bit Sockets 1/2
” Square Drive
Item
No.
Size
mm
lbs. pkg.
76422
2
59
.15
1
76423
3
59
.15
1
76424
4
59
.15
1
764
Set Screw
Replaceable
Bits
1/2” Square Drive Sockets
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com