Electronic Components Datasheet Search
  English  ▼

X  

66982 Datasheet(PDF) 13 Page - Wiha Tools

Part # 66982
Description  PROFESSIONAL HEX TOOLS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

66982 Datasheet(HTML) 13 Page - Wiha Tools

Back Button 66982 Datasheet HTML 9Page - Wiha Tools 66982 Datasheet HTML 10Page - Wiha Tools 66982 Datasheet HTML 11Page - Wiha Tools 66982 Datasheet HTML 12Page - Wiha Tools 66982 Datasheet HTML 13Page - Wiha Tools 66982 Datasheet HTML 14Page - Wiha Tools 66982 Datasheet HTML 15Page - Wiha Tools 66982 Datasheet HTML 16Page - Wiha Tools 66982 Datasheet HTML 17Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
Ball End Hex Metric Screwdriver,
With Wiha-3K Ergo Soft Grip Handle
Blades Chrome-V-Moly, hardened, black finish.
Item
No.
mm
mm
mm
lbs. pkg.
46715
1.5
75
161
.07 10
46720
2.0
100
186
.07 10
46725
2.5
100
186
.07 10
46730
3.0
100
186
.07 10
46740
4.0
100
197
.11 10
46750
5.0
100
197
.13 10
46760
6.0
150
257
.21 10
46780
8.0
200
307
.34 10
46786
10.0 200
319
.52 10
467
Metric / Soft Grip
Wiha Ball End 3K Series Drivers & Sets
8 Piece 3K Ergo Inch Ball End Hex
Screwdriver Set
Item No. Inch: .050, 1/16,
46793
5/64, 3/32, 7/64,
lbs.
1/8, 9/64, 5/32”
1.19
Ball End Hex Inch Drivers, 3K Ergo
Soft Grip Handles Blades Chrome-V-Moly,
hardened, black finish. Ergo soft grip handles.
Item
No.
Inch
Inch Inch lbs. pkg.
46702
.050
2.9
6.3
.07 10
46704
1/16
2.9
6.3
.07 10
46706
5/64
3.9
7.3
.07 10
46708
3/32
3.9
7.3
.07 10
46710
7/64
3.9
7.3
.07 10
46712
1/8
3.9
7.7
.09 10
46714
9/64
3.9
7.7
.10 10
46716
5/32
3.9
7.7
.11 10
46722
7/32
5.9
10.0 .19 10
46724
1/4
5.9
10.0 .22 10
46726
5/16
7.9
12.0 .34 10
467
Inch / Soft Grip
46793
6 Pc. 3K Ergo Inch Ball End Hex
Screwdriver set
Item No. Inch: 1/8, 9/64, 5/32,
lbs.
46794
3/16, 7/32, 1/4”
.97
46794
· Soft panel grip
· Fast angle entry
· Convenient hang hole
· Exact fit precision machined tips
· Wiha exclusive Chrome-V-Moly
super tool steel
For angle
entry
Yellow = Inch
Red = Metric
9 Pc. Inch Hex PocketStar Fold
Outs High alloy CVM steel, hardened,
molded ergonomic handle.
Item
Inch PocketStar: 5/64,
No.
3/32, 7/64, 1/8, 9/64,
lbs.
35197
5/32, 3/16, 7/32, 1/4”
.47
35197
7 Pc. Metric Hex PocketStar Fold
Outs High alloy CVM steel, hardened, molded
ergonomic handle.
Item No.
PocketStar
35195
Metric: 2.0, 2.5, 3.0,
lbs.
4.0, 5.0, 6.0, 8.0mm
.51
35195
7 Pc. Metric Hex PocketStar Fold Outs
Item No.
PocketStar
35196
Metric: 1.5, 2.0, 2.5,
lbs.
3.0, 4.0, 5.0, 6.0mm
.31
35196
#35195
#35196
Push button
key release
Wiha PocketStar Fold-Ups
Notes:
www.wihatools.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com