Electronic Components Datasheet Search
  English  ▼

X  

66982 Datasheet(PDF) 6 Page - Wiha Tools

Part # 66982
Description  PROFESSIONAL HEX TOOLS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

66982 Datasheet(HTML) 6 Page - Wiha Tools

Back Button 66982 Datasheet HTML 2Page - Wiha Tools 66982 Datasheet HTML 3Page - Wiha Tools 66982 Datasheet HTML 4Page - Wiha Tools 66982 Datasheet HTML 5Page - Wiha Tools 66982 Datasheet HTML 6Page - Wiha Tools 66982 Datasheet HTML 7Page - Wiha Tools 66982 Datasheet HTML 8Page - Wiha Tools 66982 Datasheet HTML 9Page - Wiha Tools 66982 Datasheet HTML 10Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
Proturn Stainless Steel
Ball End Hex L-Keys
Stainless Steel Ball End Metric Hex
L-key, Long Arm Hardened, hard chrome finish.
Item
No.
mm
mm mm lbs.
pkg.
36911
1.5
91
14
.004 1
36913
2.0
101 18
.007 1
36914
2.5
113 20
.012 1
36915
3.0
128 23
.020 1
36917
4.0
142 29
.01
1
36918
5.0
163 33
.01
1
36919
6.0
184 38
.13
1
36921
8.0
206 44
.25
1
36922
10.0 231 50
.44
1
369
For angle
entry
Inch & Metric Ball End Hex Keys Color Coded
For angle
entry
25° Angle
Ball End Metric Hex Long Arm
L-key, Set With Color Coded Keys
Blade Chrome-V-Moly, hardened.
Item
No.
Color Key mm mm mm lbs.
brown
1.5 91
15 .005
green
2.0 101 18 .009
chrome
2.5 113 20 .017
blue
3.0 128 23 .019
purple
4.0 142 29 .04
Copper
6.0 184 38 .10
gold
8.0 206 44 .20
grey
10.0 231 50 .38
Ball End Inch Hex Long Arm
L-key, Set With Color Coded Keys Blade
Chrome-V-Moly, hardened.
Item
No.
Color Key
Inch
Brown
.050
Green
1/16
Chrome
5/64
Blue
3/32
Purple
7/64
Red
1/8
Copper
9/64
Gold
5/32
Blue
3/16
Black
7/32
Chrome
1/4
Green
5/16
Brown
3/8
Color coding for immediate
identification of L-keys
25° Working
Angles
Wiha exclusive Chrome-
V-Moly super tool steel,
through hardened
13 Pc. Inch Ball End Hex Long
L-key Set With Color Coded Keys
Chrome-V-Moly, hardened.
lbs. .90
Item No. Inch: .050, 1/16, 5/64, 3/32, 7/64,
1/8, 9/64, 5/32, 3/16, 7/32,
1/4, 5/16, 3/8”
Corrosion resistant nickel
chrome base finish
Wiha standard extra
long for extended
reach
569
56901
56902
56903
56904
56905
56906
56907
56908
56909
56910
56911
56912
56913
569
56914
56915
56916
56917
56918
56920
56921
56922
36986
36986
9 Pc. Metric Ball End Hex Long
L-key Set Stainless Steel
lbs. 88
Item No. Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0,
36988
6.0, 8.0, 10.0mm
36988
Stainless Steel Ball End Inch Hex
L-key, Long Arm Hardened, hard chrome finish.
Item
No.
Inch mm mm lbs. pkg.
36972
1/16 90
15
.01
1
36973
5/64 102 18
.01
1
36974
3/32 113 20
.01
1
36975
7/64 121 21
.01
1
36976
1/8
127 23
.02
1
36977
9/64 139 25
.04
1
36978
5/32 144 28
.04
1
36979
3/16 165 32
.06
1
36980
7/32 176 35
.10
1
36981
1/4
185 38
.14
1
36982
5/16 208 43
.22
1
36983
3/8
233 50
.36
1
369
For angle
entry
12 Pc. Inch Ball End Hex Long
L-key Set Stainless Steel
Item
Inch: 1/16, 5/64, 3/32, 7/64,
No.
1/8, 9/64, 5/32, 3/16,
36985
7/32, 1/4, 5/16, 3/8”
36985
Proturn Stainless Steel Made For Wiha
Stainless steel cannot be hardened to the same extent as high
carbon tool steels. It will provide better protection against corrosion
on fasteners and tools when used with stainless steel fasteners.
Being softer, stainless steel will twist more & corners will round
easier than other tool steels.
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com