Electronic Components Datasheet Search
  English  ▼

X  

66982 Datasheet(PDF) 4 Page - Wiha Tools

Part # 66982
Description  PROFESSIONAL HEX TOOLS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

66982 Datasheet(HTML) 4 Page - Wiha Tools

  66982 Datasheet HTML 1Page - Wiha Tools 66982 Datasheet HTML 2Page - Wiha Tools 66982 Datasheet HTML 3Page - Wiha Tools 66982 Datasheet HTML 4Page - Wiha Tools 66982 Datasheet HTML 5Page - Wiha Tools 66982 Datasheet HTML 6Page - Wiha Tools 66982 Datasheet HTML 7Page - Wiha Tools 66982 Datasheet HTML 8Page - Wiha Tools 66982 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
Screw Holding
Hex Tools!
Ball End Hex Keys
Wiha exclusive Chrome-V-Moly
super tool steel, hardened, hard
chromed, screw holding
U.S. Patent 6,302,001 B1
ErgoStar Holder
Every key can be
taken out separately
without having to
move another key
9 Pc. MagicRing Long Metric Ball
End Hex L-key Set, In ErgoStar Holder
Blade Chrome-V-Moly, hardened, hard
chrome finish.
Item
No.
mm
mm
mm
mm
lbs.
66990
1.5*
90
5.0
158
1.07
2.0*
99
6.0
178
2.5*
111
8.0
197
3.0
125
10.0 221
4.0
138
* Standard Ball - No Ring
66990
MagicRing Ball End Metric Hex L-key
Long blade Chrome-V-Moly, hardened, hard
chrome finish.
Item No.
No Ring
mm
mm
mm lbs. pkg.
66904*
1.5
90
14
.01 10
66908*
2.0
99
16
.01 10
66912*
2.5
111
18
.01 10
MagicRing
66916
3.0
125
20
.02 10
66920
4.0
138
25
.04 10
66924
5.0
158
28
.07 10
66928
6.0
178
32
.12 10
66936
8.0
198
36
.23 10
66944
10.0
221
40
.40 10
* Standard Ball - No Ring
669
13 Pc. MagicRing Long Inch Ball
End Hex L-key Set, In ErgoStar Holder
Chrome-V-Moly, hardened, hard chrome finish.
Item
No.
Inch
Inch
Inch
Inch
lbs.
66991
.050*
2.8
5/32
5.7
1.14
1/16*
3.1
3/16
6.2
5/64*
3.5
7/32
6.7
3/32*
3.9
1/4
7.3
7/64*
4.3
5/16
8.0
1/8
4.6
3/8
8.8
9/64
5.2
* Standard Ball - No Ring
66991
MagicRing Ball End Inch Hex L-key,
Long blade Chrome-V-Moly, hardened, hard
chrome finish.
Item No.
No Ring
Inch
Inch Inch lbs. pkg.
66945*
.050
2.8
.5
.01 10
66946*
1/16
3.1
.6
.01 10
66947*
5/64
3.5
.7
.01 10
66950*
3/32
3.9
.7
.01 10
66952*
7/64
4.3
.7
.02 10
MagicRing
66953
1/8
4.6
.8
.02 10
66955
9/64
5.2
.9
.03 10
66956
5/32
5.7
1.0
.04 10
66959
3/16
6.2
1.1
.06 10
66962
7/32
6.7
1.2
.09 10
66965
1/4
7.3
1.2
.13 10
66968
5/16
8.0
1.4
.22 10
66971
3/8
8.8
1.6
.36 10
* Standard Ball - No Ring
22 Pc. Combination MagicRing
L-key Set, In ErgoStar Holder
Item No. Set includes Inch & Metric:
66992
66990 Set - 1.5*, 2.0*, 2.5*, 3.0, 4.0,
5.0, 6.0, 8.0, 10.0mm
lbs.
66991 Set - .050*, 1/16*, 5/64*,
2.21
3/32*, 7/64*, 1/8, 9/64, 5/32, 3/16,
7/32, 1/4, 5/16, 3/8”
* Standard Ball - No Ring
66992
Hard Chrome Finish
Hard Chrome Finish
Hard Chrome Finish
Hard
Chrome
Finish
669
MagicRing Screw Holding Ball End Hex L-Keys
Ball End Hex Keys
Chamfered ends for
easy insertion
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com