Electronic Components Datasheet Search
  English  ▼

X  

66982 Datasheet(PDF) 2 Page - Wiha Tools

Part # 66982
Description  PROFESSIONAL HEX TOOLS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

66982 Datasheet(HTML) 2 Page - Wiha Tools

  66982 Datasheet HTML 1Page - Wiha Tools 66982 Datasheet HTML 2Page - Wiha Tools 66982 Datasheet HTML 3Page - Wiha Tools 66982 Datasheet HTML 4Page - Wiha Tools 66982 Datasheet HTML 5Page - Wiha Tools 66982 Datasheet HTML 6Page - Wiha Tools 66982 Datasheet HTML 7Page - Wiha Tools 66982 Datasheet HTML 8Page - Wiha Tools 66982 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
Wiha Hex Tools
Wiha Ball End Hex Tools
MagicRing Screw Holding Hex Tools
DESCRIPTION
Page
T-handles
11
PocketStar Fold Outs
13
L-keys - Long/Short
14-15
Insulated T-handle
16
Insulated Hex Drivers
16
Insulated L-keys
17
Insulated Sockets
17
Drive-Loc VI Blades
18
ESD Safe Precision
23
Precision
21
PicoFinish
22
SYSTEM 4 Blades
24
SYSTEM 4 Micro Bits
25
Insert/Power Bit Sets
26
XSelectors
27
Bit Insert & Power Bits
28-29
Sockets
31-32
Nickel & Black Finish
DESCRIPTION
Page
Ball End L-keys & Sets
5
Colored Coded L-keys
6
Ball End L-keys & Sets
7
Stainless Steel L-keys & Sets 6
Soft Grip T-handles
10-11
3K Series Screwdrivers
13
Drive-Loc VI Blades
18
Precision
21
PicoFinish Soft Grip
22
SYSTEM 4 Blades
24
Stubby Bit Holder Sets
26
Ball End Hex Insert Bit
29
Ball End Hex Socket
32
Long, Mid-Length & Short Black Finish
Chrome Finish
Chrome & Black Finish
DESCRIPTION
Page
L-keys Screw Holding
4
T-handles Screw Holding
9
SoftFinish Screw Holding
12
PocketStars Screw Holding
9
Insert Bits Screw Holding
27
Power Bits Screw Holding
27
Bit-Selectors Screw Holding 27
Insert & Power Bits
Cushion Grip
DESCRIPTION
Page
SYSTEM 4 Micro Bits
25-26
Insert Bits
28
Sockets
32
Wiha Security Hex Tools
Chrome Finish
DESCRIPTION
Page
Power Blades
18
90mm Security Hex Power Blades & Handle
90mm Security Hex Inch/Metric
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com