Electronic Components Datasheet Search
  English  ▼

X  

66982 Datasheet(PDF) 5 Page - Wiha Tools

Part # 66982
Description  PROFESSIONAL HEX TOOLS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

66982 Datasheet(HTML) 5 Page - Wiha Tools

  66982 Datasheet HTML 1Page - Wiha Tools 66982 Datasheet HTML 2Page - Wiha Tools 66982 Datasheet HTML 3Page - Wiha Tools 66982 Datasheet HTML 4Page - Wiha Tools 66982 Datasheet HTML 5Page - Wiha Tools 66982 Datasheet HTML 6Page - Wiha Tools 66982 Datasheet HTML 7Page - Wiha Tools 66982 Datasheet HTML 8Page - Wiha Tools 66982 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
9 Piece ErgoStar Metric Ball End
Hex Long L-key Set
lbs. 1.02
Item No. Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0,
66996
6.0, 8.0, 10.0mm
66996
Fast Auto Open
Key Holder
13 Piece ErgoStar Inch Ball End
Hex Long L-key Set
lbs. 2.5
Item No. Inch: .050, 1/16, 5/64, 3/32, 7/64,
66988
1/8, 9/64, 5/32, 3/16, 7/32, 1/4,
5/16, 3/8”
66988
Fast Auto Open
Key Holder
ErgoStar Ball End Hex Keys
Chrome Finish
22 Pc. ErgoStar Inch/Metric Ball
End Hex Long L-key Set
Item No. Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8,
66982
9/64, 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
lbs.
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0,
2.1
6.0, 8.0, 10.0mm
66982
Fast Auto
Open Key
Holder
ErgoStar Inch Ball End L-key Set
• Patented ErgoStar auto open key holder
• Keys of chrome-vanadium-molybdenum steel
• 60HRC through harened durability
• Hard chrome finish for best wear resistance
Metric & Inch Ball End Hex Keys Chrome Finish
13 Piece Inch Ball End Hex Long
L-key Set, In Plastic Holder Blade Chrome-
V-Moly, hardened, hard chrome finish.
Item No. Inch: .050, 1/16, 5/64, 3/32, 7/64,
36998
1/8, 9/64, 5/32, 3/16, 7/32, 1/4,
lbs. 1.0
5/16, 3/8”
36998
Ball End Inch Hex L-key, Long Arm
Chrome-V-Moly, hardened, hard chrome finish.
Item
No.
Inch
Inch Inch lbs.
pkg.
36949
1/8
4.6
.8
.021 10
36951
9/64
5.2
.9
.029 10
36954
5/32
5.7
1.0
.035 10
36957
3/16
6.2
1.1
.059 10
36958
7/32
6.7
1.2
.092 10
36960
1/4
7.3
1.2
.13
10
36961
5/16
8.0
1.4
.22
10
36963
3/8
8.8
1.6
.36
10
369
9 Pc. Metric Ball End Hex Long
L-key Set
lbs. .98
Item No. Metric: 1.5, 2.0, 2.5, 3.0, 4.0,
66994
5.0, 6.0, 8.0, 10.0mm
66994
Ball End Metric Hex L-key, Long Arm
Chrome-V-Moly, hardened, hard chrome finish.
Item
No.
mm
mm
mm lbs.
pkg.
66904
1.5
90
14
.004 10
66908
2.0
99
16
.007 10
66912
2.5
111
18
.012 10
66918
3.0
125
20
.019 10
66922
4.0
138
25
.042 10
66926
5.0
158
28
.072 10
66930
6.0
178
32
.12
10
66937
8.0
198
36
.23
10
66938
10.0 221
40
.40
10
669
For angle
entry
Extra Long Hard Chromed
6 Pc. Metric Ball End Hex Long
L-key Set
lbs. .21
Item No. Metric: 1.5, 2.0, 2.5
66995
3.0, 4.0, 5.0mm
66995
2 Pack Inch & Metric Ball End
Hex L-key Sets High alloy Chrome-V-Moly,
hardened, hard chrome finish.
Item No. 2 Sets with 22 L-keys include:
66993
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0,
6.0, 8.0, 10.0mm
lbs. 2.0
Inch: .050, 1/16, 5/64, 3/32, 7/64,
1/8, 9/64, 5/32, 3/16, 7/32, 1/4,
5/16, 3/8”
66993
Inch & Metric
11 Pc. Metric Ball End Hex Long
L-key Set
lbs. 1.36
Item No. Metric: 1.5, 2.0, 2.5,
66998
3.0, 4.0, 5.0, 6.0, 7.0, 8.0,
9.0, 10.0mm
66998
For angle
entry
Extra Long Hard Chromed
SHOP
www.wihatools.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com