Electronic Components Datasheet Search
  English  ▼

X  

52713 Datasheet(PDF) 9 Page - Wiha Tools

Part # 52713
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

52713 Datasheet(HTML) 9 Page - Wiha Tools

Back Button 52713 Datasheet HTML 5Page - Wiha Tools 52713 Datasheet HTML 6Page - Wiha Tools 52713 Datasheet HTML 7Page - Wiha Tools 52713 Datasheet HTML 8Page - Wiha Tools 52713 Datasheet HTML 9Page - Wiha Tools 52713 Datasheet HTML 10Page - Wiha Tools 52713 Datasheet HTML 11Page - Wiha Tools 52713 Datasheet HTML 12Page - Wiha Tools 52713 Datasheet HTML 13Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
Screwdriver, With Wiha-3K Series Handle Blade high alloy CVM steel,
hardened, precision black tip. Molded on ergonomic Wiha-3K Series handle, impact resistant.
Item
No.
Size
mm
Inch
mm
Inch
mm
Inch
lbs.
pkg.
T6
60
2.4
3.2
9/64
145
5.7
.06
10
T8
60
2.4
3.5
9/64
139
5.5
.06
10
T9
60
2.4
4.0
5/32
149
5.8
.08
10
T25
100
3.9
6.0
1/4
215
8.4
.20
10
T27
115
4.5
7.0
9/32
240
9.4
.28
10
T30
115
4.5
6.0
1/4
233
9.1
.21
10
T40
130
5.1
7.0
9/32
248
9.7
.25
10
T50
130
5.1
9.0
3/8
249
9.8
.33
10
Set 5 Pcs.
Blade CVM
steel, hardened, precision black tip. Wiha-3k
Ergo handle, cushion grip.
Item No.
lbs.
T8, T10, T15, T20, T25
.86
Wiha
3K Series Drivers and Sets
Molded on soft grip
ergonomic handle,
impact resistant
3K Series
Blade high alloy
CVM steel, hardened
Precision
black tip
Hole for
hanging
Item
No.
Size mm Inch mm Inch lbs. pkg.
1/4” 125 5.0
211 8.3 .24 1
1/4
” Bit holding Screwdriver,
With Wiha-Ergo 3K Handle Magnetic, holds
bit & screw. Retainer out of stainless steel.
CVM tool steel, nickel plated.
Wiha Bit Holders
Item
No.
Size mm Inch mm Inch lbs. pkg.
1/4” 125 5.0 243 9.6 .24 10
1/4
” Bit holding Screwdriver,
With Wiha-Proturn Handle Magnetic, holds
bit & screw. Retainer out of stainless steel.
Shaft CVM tool steel, nickel plated.
www.wihatools.com
48400
48400
455
45504
45508
45509
45525
45527
45530
45540
45550
45593
45593
48401
48401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com