Electronic Components Datasheet Search
  English  ▼

X  

52713 Datasheet(PDF) 28 Page - Wiha Tools

Part # 52713
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

52713 Datasheet(HTML) 28 Page - Wiha Tools

Back Button 52713 Datasheet HTML 24Page - Wiha Tools 52713 Datasheet HTML 25Page - Wiha Tools 52713 Datasheet HTML 26Page - Wiha Tools 52713 Datasheet HTML 27Page - Wiha Tools 52713 Datasheet HTML 28Page - Wiha Tools 52713 Datasheet HTML 29Page - Wiha Tools 52713 Datasheet HTML 30Page - Wiha Tools 52713 Datasheet HTML 31Page - Wiha Tools 52713 Datasheet HTML 32Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
28
Wiha 1/4” Bit Holders
1/4” Magnetic Bit Holding Drivers,
With Wiha SoftFinish® Handle Ergonomic
cushion grip, magnetic, holds bit and screw.
Shaft CVM steel, nickel-plated.
Item
No.
Size mm Inch mm Inch lbs.
1/4” 125 5.0 240 9.46 .23
1/4” 300 11.8 400 15.69 .37
Magnetic
Retainer out of stainless steel
Drive-Loc VI Bit Holder
High alloy CVM steel, through hardened,
hard chrome finish. Wiha-SoftFinish® handle
multi-component, cushion grips.
Item
No.
Inch Extends
lbs. pkg.
1/4” 1-3/4” to 4-7/8” .36 1
Adjustable Blade Length
Magnetic Bit Holder
Insert New Bit
3
ClicFix Bit Holder,
Magnetic For Insert Bits Quick release
Item
No.
Size Size mm Inch lbs. pkg.
1/4” 1/4” 75 2.9 .07 1
• Narrow Profile
• One handed bit changes
• Internal bit lock mechanism
Pull
Sleeve
Forward
Remove
Bit
Pull Sleeve
Back To
Lock
1
2
4
High Precision Tool Holder
CentroFix Bit Holder
Item
No.
Size Size mm Inch lbs. pkg.
1/4” 1/4” 60 2.4 .09 1
Quick release tool
holder for Drills,
Countersinks
& Power bits
Stainless Steel Bit Holder,
1/4” For Insert Bits
Internal C-ring for bit holding & magnet.
Item
No.
Size Size mm
Inch
lbs.
1/4”
1/4”
54
2.1”
.05
Item
No.
Size mm Inch mm Inch lbs. pkg.
1/4” 125 5.0
211 8.3 .24 1
1/4
” Bit holding Screwdriver,
With Wiha-Ergo 3K Handle Magnetic, holds
bit & screw. Retainer out of stainless steel.
Item
No.
Size mm Inch mm Inch lbs. pkg.
1/4” 125 5.0 243 9.6 .24 10
1/4
” Bit holding Screwdriver,
With Wiha-Proturn Handle Magnetic, holds
bit & screw. Retainer out of stainless steel.
Notes:
Toll Free: (800) 494-6104
384
28489
71491
71480
38450
38460
28489
71491
71480
71494
71494
48401
48401
48400
48400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com