Electronic Components Datasheet Search
  English  ▼

X  

52713 Datasheet(PDF) 27 Page - Wiha Tools

Part # 52713
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

52713 Datasheet(HTML) 27 Page - Wiha Tools

Back Button 52713 Datasheet HTML 23Page - Wiha Tools 52713 Datasheet HTML 24Page - Wiha Tools 52713 Datasheet HTML 25Page - Wiha Tools 52713 Datasheet HTML 26Page - Wiha Tools 52713 Datasheet HTML 27Page - Wiha Tools 52713 Datasheet HTML 28Page - Wiha Tools 52713 Datasheet HTML 29Page - Wiha Tools 52713 Datasheet HTML 30Page - Wiha Tools 52713 Datasheet HTML 31Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
27
XSelector Bit Set With
Bits
Set Includes Quick Release Holder
& the following 10 bits:
lbs.
: T7, T8, T9, T10, T15,
.29
T20, T25, T27, T30, T40
Bit-Selector With
Bits
Includes Auto Lock Magnetic 1/4” Bit Holder
& The Following 10 Insert Bits:
lbs.
: T7, T8, T9, T10,
.34
T15, T20, T25, T27, T30, T40
Bit-Selector With
Bits
Includes Universal Magnetic 1/4” Bit Holder
& The Following 10 Insert Bits:
lbs.
: T5, T6, T7, T8, T9,
.32
T10, T15, T20, T25, T30
XSelector Bit Set With Security
Bits, Includes Quick Release Holder
& The Following 10 Bits:
lbs. .27
Security
: T7s, T8s,
T9s, T10s, T15s, T20s, T25s,
T27s, T30s, T40s
Power Bit Belt Pack With Security
Bits, Includes the following 10 bits:
Security
:
T7s, T8s, T9s,
lbs.
T10s, T15s, T20s,
.29
T25s, T27s, T30s, T40s
Wiha Insert Bit Selectors
Wiha Power Bit Belt Packs
Bit-Selector With Security
Bits, Includes Magnetic 1/4” Bit Holder
& The Following 10 Bits:
lbs. .32
Security
:
T7s, T8s, T9s, T10s, T15s,
T20s, T25s, T27s, T30s, T40s
Bit-Selector With Security
Bits, Includes The Following 7 Insert Bits:
Security
:
T7s, T8s, T9s,
lbs.
T10s, T15s, T20s, T25s
.21
Bit-Selector With
Bits
Set Includes Magnetic 1/4” Bit Holder
& The Following 10 Bits:
: IP7, IP8, IP9,
lbs.
IP10, IP15, IP20, IP25
.31
IP27, IP30, IP40
Bit-Selector With
Bits
Set Includes Magnetic 1/4” Bit Holder
& The Following 10 Bits:
: IP3, IP4,
lbs.
IP5, IP6, IP7, IP8, IP9,
.31
IP10, IP15, IP20
Power Bit Belt Pack W/
Bits Includes The Following 10 Bits:
: IP6, IP7,
lbs.
IP8, IP9, IP10, IP15,
.28
IP20, IP25, IP27, IP30
Power Bit Belt Pack W/
Bits
Includes the following 10 bits:
lbs. .28
: T6, T7, T8, T9,
T10, T15, T20, T25, T27, T30
Power Bit Belt Pack With
Align Bits
Set includes the following 10 bits:
Align: T6, T7, T8, T9,
T10, T15, T20, T25, T27, T30
lbs. .28
XSelector
Pocket Sized
3 1/8” x 2 1/8” x 1/2”
Wiha XSelector Bit Sets
Includes Clicfix quick release holder
Easy bit access
with hinged cover
Wiha Insert PokitPaks
PokitPak -
Insert Bits In
Molded Case - Includes 6 - 1/4” Insert Bits
& Magnetic Bit Holder
lbs. .16
:
T8, T10, T15, T20, T25, T30
PokitPak -
Align Insert
Bits In Molded Case -
Set Includes 6 - 1/4” Insert Bits
lbs.
Align: T10, T15,
.12
T20, T25, T30, T40
www.wihatools.com
79242
79245
74985
74981
71690
71692
74982
74987
79247
70190
79447
79445
79283
71195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com