Electronic Components Datasheet Search
  English  ▼

X  

52713 Datasheet(PDF) 22 Page - Wiha Tools

Part # 52713
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

52713 Datasheet(HTML) 22 Page - Wiha Tools

Back Button 52713 Datasheet HTML 18Page - Wiha Tools 52713 Datasheet HTML 19Page - Wiha Tools 52713 Datasheet HTML 20Page - Wiha Tools 52713 Datasheet HTML 21Page - Wiha Tools 52713 Datasheet HTML 22Page - Wiha Tools 52713 Datasheet HTML 23Page - Wiha Tools 52713 Datasheet HTML 24Page - Wiha Tools 52713 Datasheet HTML 25Page - Wiha Tools 52713 Datasheet HTML 26Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
22
T-handle TorqueControl Tools
ESD Safe Adjustable TorqueControl Tools
8 Pc. TorqueControl Set With
Blades Certified to EN ISO 6789,
BS EN 26789, ASME B107.14M
lbs. 1.01
: T7, T8, T9, T10, T15, T20
28506 - Handle Range 10 - 50 In/lbs.
With Certificate of Calibration
8 Piece TorqueControl Set With
Blades Certified to EN ISO 6789,
BS EN 26789, ASME B107.14M
lbs. 1.00
IP7, IP8, IP9, IP10, IP15, IP20
28506 - Handle Range 10 - 50 In/lbs.
14 Piece TorqueControl Set With
&
Blades Certified to
EN ISO 6789, BS EN 26789, ASME B107.14M.
Set includes Ergonomic multi-component
adjustable TorqueVario-S handle, 12 blades &
Torque adjustment tool. Packed in a durable
canvas pouch.
:
lbs. 1.25
IP7, IP8, IP9, IP10, IP15, IP20
: T7, T8, T9, T10, T15, T20
28506 - Handle Range 10 - 50 In/lbs.
With Certificate of Calibration
With Certificate of Calibration
TorqueFix T-handle EN ISO 6789,
BS EN 26789, ASME B107.14M, +/- 6%
Item
Torque Torque
No.
In-lbs. Nm mm x mm lbs.
53.1
6
56 x 120 .81
70.8
8
56 x 120 .82
88.5
10
56 x 120 .79
106.2 12
56 x 120 .79
110.6 12.5 56 x 120 .80
123.9 14
56 x 120 .80
Each TorqueFix T-handle has unique serial number and certificate of calibration
Includes Calibration
Certificate
Adjustable TorqueVario STplus
T-handle EN ISO 6789, BS EN 26789,
ASME B107.14M, +/- 6%
Item
Torque Torque
No.
Nm
In-lbs.
mm x mm
5-14 44.3-123.9 56 x 120
Includes Calibration
Certificate
* (1 Nm 8.8507) (Scale is shown in Nm only)
Accuracy Ergonomic
multi-component handle,
light & compact
Interchangeable Blades
For TorqueFix T-Handle
tip blades
on 6mm Hex shafts. High alloy CVM steel,
hardened, hard chromed.
Item
No.
Size mm
Inch mm lbs.
T15
130
5.1
6.0
.10
T20
130
5.1
6.0
.10
T25
130
5.1
6.0
.11
T27
130
5.1
6.0
.11
T30
130
5.1
6.0
.11
T40
130
5.1
6.0
.11
Interchangeable Blades
For TorqueFix T-Handle
tip
blades on 6mm Hex shafts. High alloy CVM
steel, hardened, hard chromed.
Item
No.
Size mm
Inch mm lbs.
IP15 130
5.1
6.0 .10
IP20 130
5.1
6.0 .10
IP25 130
5.1
6.0 .11
IP27 130
5.1
6.0 .11
IP30 130
5.1
6.0 .11
IP40 130
5.1
6.0 .11
ESD Safe TorqueVario-S, With
Window Scale EN ISO 6789, BS EN 26789,
ASME B107.14M, +/- 6% Accuracy.
Ergonomic multi-component handle, light
and compact. Handle sizes proportioned to
optimize torque range. Audible & perceptible
click when torque setting has been attained.
With Certificate of accuracy.
Pkg. 1
Item
Range
No.
Inch lbs. Increments mm
15-80(in/oz) 2.5 In.oz. 122-127
5-10
.2 In.lbs. 122-127
7.5-20
.5 In.lbs. 126-131
Each TorqueVario handle has unique serial
number and certificate of calibration
Includes Certificate
* +/- 10% (This unit only)
D
Item
Range
No.
Nm
mm
Inch
lbs.
.04 - .46 124 4.875” .35
D
ESD Safe
Interchangeable
Blades For TorqueVario-S
tip
blades on narrow 5/32 Hex shafts. High alloy
CVM steel, hardened, hard chromed.
Item
Max. Torque
No.
Size mm mm
Nm
lbs.
T5
175 4.0
0.4
.07
T7
175 4.0
0.9
.07
T9
175 4.0
2.5
.07
Wiha TorqueControl
Tool Sets
D
ESD Pentalobe Interchangeable
Blades For TorqueVario-S Newton Meter
Handle tip blades on narrow 5/32 Hex shafts.
Item
No.
Size mm
mm
lbs. pkg.
PL1 175
4.0
.07
1
pkg.
1
1
1
1
1
1
lbs. pkg.
.81 1
pkg.
1
1
1
1
1
1
lbs.
.33
.34
.42
pkg.
1
1
1
1
1
1
pkg.
1
1
1
pkg.
1
Toll Free: (800) 494-6104
28597
28597
28598
28598
28599
289
28931
28933
28935
28937
28938
28939
28940
28940
289
28903
28904
28905
28906
28907
28908
289
28910
28911
28912
28913
28914
28915
285
28522*
28524
28526
28825
28827
28829
288
288
28818
28500*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com