| Electronic Components Datasheet Search |
|
52713 Datasheet(PDF) 7 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
52713 Datasheet(HTML) 7 Page - Wiha Tools |
|
7 / 40 page ![]() 7 Wiha Insulated Screwdrivers Screwdriver, With Wiha-SoftFinish® Handle Insulation According to ASTM F-1505-10, New VDE Specification 0682/part 201 and EN/IEC 60900, NFPA70E, up to 1000 Volt. Individually Tested. Blade high alloy cvm steel, hardened, black finish. Insulation molded directly onto blade. Item No. Size mm Inch mm Inch lbs. pkg. T5 60 2.4 164 6.5 .06 10 T6 60 2.4 164 6.5 .06 10 T7 60 2.4 164 6.5 .06 10 T8 60 2.4 164 6.5 .06 10 T9 60 2.4 164 6.5 .06 10 T10 60 2.4 164 6.5 .06 10 T15 80 3.1 191 7.5 .12 10 T20 80 3.1 191 7.5 .12 10 T25 80 3.1 198 7.8 .17 10 T27 100 3.9 218 8.6 .20 10 T30 100 3.9 218 8.6 .20 10 T40 150 5.9 274 10.8 .30 10 T45 150 5.9 274 10.8 .35 10 Set 6 Pcs. Item No. Size mm Size mm lbs. T8 60 T15 80 .83 T9 60 T20 80 T10 60 T25 80 1000Volt 1000Volt Set 10 Pcs. Item No. Size mm Size mm lbs. T6 60 T15 80 1.2 T7 60 T20 80 T8 60 T25 80 T9 60 T27 100 T10 60 T30 100 1000Volt Screwdriver, With Wiha-MicroFinish Handle Blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed. Wiha-MicroFinish handle, cellulose-acetate, impact resistant, non-slip, oil and grease resistant. Round blades. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. T9 60 2.4 4.0 .157 171 6.7 .15 10 T10 80 3.1 4.0 .157 191 7.5 .15 10 T15 80 3.1 4.0 .157 191 7.5 .15 10 T20 100 3.9 4.0 .157 211 8.3 .15 10 T25 100 3.9 4.5 .177 211 8.3 .16 10 T27 115 4.5 5.5 .216 233 9.2 .25 10 T30 115 4.5 6.0 .236 233 9.2 .27 10 T40 130 5.1 7.0 .275 254 10.0 .40 10 Wiha MicroFinish Handle Non-Slip Grip Wiha MicroFinish handle has a patented non-slip surface - it won’t peel, crack or deteriorate when exposed to petroleum solvents. Oil and moisture flow away from the handle surface for a powerful, non-slip grip. You get maximum force and comfort with dry, oily or wet hands. Exact fit precision ground tips Blades are hardened & hard chromed Safe, high density material, eliminates risk of sharp objects becoming embedded in the handle MicroFinish Handle with patented non-slip surface. Ergo handle shape for maximum comfort & exceptional torque transfer Set 5 Pcs. Item No. Size mm Size mm lbs. T10 80 T25 100 1.0 T15 80 T30 115 T20 100 Set 8 Pcs. Item No. Size mm Size mm lbs. T9 60 T25 100 1.89 T10 80 T27 115 T15 80 T30 115 T20 100 T40 130 www.wihatools.com 325 32505 32511 32516 32521 32526 32531 32536 32541 32546 32551 32556 32561 32566 32590 32590 32592 32592 527 52711 52713 52716 52719 52722 52726 52729 52732 52790 52790 52791 52791 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |