Electronic Components Datasheet Search
  English  ▼

X  

FXLS8961AF Datasheet(PDF) 15 Page - NXP Semiconductors

Part # FXLS8961AF
Description  null3-Axis Low-g Accelerometer
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8961AF Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button FXLS8961AF Datasheet HTML 11Page - NXP Semiconductors FXLS8961AF Datasheet HTML 12Page - NXP Semiconductors FXLS8961AF Datasheet HTML 13Page - NXP Semiconductors FXLS8961AF Datasheet HTML 14Page - NXP Semiconductors FXLS8961AF Datasheet HTML 15Page - NXP Semiconductors FXLS8961AF Datasheet HTML 16Page - NXP Semiconductors FXLS8961AF Datasheet HTML 17Page - NXP Semiconductors FXLS8961AF Datasheet HTML 18Page - NXP Semiconductors FXLS8961AF Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 101 page
background image
NXP Semiconductors
FXLS8961AF
3-Axis Low-g Accelerometer
11 Temperature sensor characteristics
VDD = 1.8 V to 3.0 V, T = –40 °C to 105 °C, unless otherwise noted.
Typical values represent mean or mean ±1 σ values, depending on the specific parameter.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
nTEMP
Output data width
—
—
8
—
bits
FSRTEMP
Measurement range
—
—
–40 to +105
—
°C
SENTEMP
Sensitivity
—
—
1
—
°C/LSB
SENTOL-TEMP Sensitivity tolerance
—
—
±2.5
—
%
OFFTEMP
Nominal zero-output
offset temperature
Output Code = 00h
—
25
—
°C
Table 9. Temperature sensor performance parameters
12 I2C digital interface
The registers embedded within FXLS8961AF may be accessed using an I2C interface when the INTF_SEL pin
is tied to GND. If the VDD supply is not present, the device is in shutdown mode and any communications on the
interface are ignored. When the device is on a common I2C-bus with other secondary devices, the VDD supply
pin must be left unconnected (high-impedance) when the device supply is turned off to ensure that the internal
ESD protection diodes do not become forward biased and prevent the bus from functioning normally (clamping).
The I2C secondary interface port of FXLS8961AF is compliant with the following three operating modes as
defined in UM10204[3]:
• Fast-mode Plus (Fm+) at 1000 kHz
• Fast-mode (Fm) at 400 kHz
• Standard-mode (Sm) at 100 kHz
Pin Name
Pin Description
SCL
I2C serial clock (pull-up resistor is required)
SDA
I2C serial data (pull-up resistor is required)
Table 10. I2C serial interface pin description
12.1 I2C interface characteristics
The I2C secondary address (7-bit format) is set to 18h when SA0 = 0, and 19h when SA0 = 1.
SA0
I2C write address
I2C read address
0
30h (0011 0000b)
31h (0011 0001b)
1
32h (0011 0010b)
33h (0011 0011b)
Table 11. FXLS8961AF I2C read and write addresses
FXLS8961AF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
15 / 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com