Electronic Components Datasheet Search
  English  ▼

X  

FXLS8961AF Datasheet(PDF) 81 Page - NXP Semiconductors

Part # FXLS8961AF
Description  null3-Axis Low-g Accelerometer
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8961AF Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button FXLS8961AF Datasheet HTML 77Page - NXP Semiconductors FXLS8961AF Datasheet HTML 78Page - NXP Semiconductors FXLS8961AF Datasheet HTML 79Page - NXP Semiconductors FXLS8961AF Datasheet HTML 80Page - NXP Semiconductors FXLS8961AF Datasheet HTML 81Page - NXP Semiconductors FXLS8961AF Datasheet HTML 82Page - NXP Semiconductors FXLS8961AF Datasheet HTML 83Page - NXP Semiconductors FXLS8961AF Datasheet HTML 84Page - NXP Semiconductors FXLS8961AF Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 101 page
background image
NXP Semiconductors
FXLS8961AF
3-Axis Low-g Accelerometer
• Resistors R1 and R2 are not needed if the interrupt output driver type is configured for push-pull operation
(default). In order to avoid their residual current consumption in default state (no interrupt asserted), NXP
recommends connecting them either to GND or VDD according to INT_POL choice (1 or 0 respectively).
• If either the INT1 or INT2 pins are not used in the application, leave them unconnected.
• The required pull-up resistor values for R3 and R4 are dependent on several factors including the I2C clock
frequency, bus pull-up voltage, and the total parasitic trace + device capacitances. A suggested starting point
is 4.7 kΩ for Standard and Fast modes.
• The external trigger function can be used to initiate a single shot measurement of the XYZ acceleration and
temperature data. This mode is useful for synchronizing measurements with an external system or for creating
user-specific ODRs. The measurement is triggered on the rising edge of the EXT_TRIG signal.
aaa-053941
C2
1.0 µF
C1
0.1 µF
R1
R2
1
2
3
4
5
10
11
12
9
8
7
6
VDD
VDD
BT_MODE
GND
n.c.
n.c.
GND
INTF_SEL
INT1/MOT_DET
SPI_CS_B/WAKE_UP
INT2/EXT_TRIG/BOOT_OUT
INT1
WAKE_UP
INT2/EXT_TRIG
SA0/SPI_MISO
MISO
MOSI
SCLK
SDA/SPI_MOSI/SPI_DATA
SCL/SCLK
Figure 23. Typical Application Circuit #2 – SPI 4-wire mode
aaa-053942
C2
1.0 µF
C1
0.1 µF
R1
R2
1
2
3
4
5
10
11
12
9
8
7
6
VDD
VDD
BT_MODE
GND
n.c.
n.c.
GND
INTF_SEL
INT1/MOT_DET
SPI_CS_B/WAKE_UP
INT2/EXT_TRIG/BOOT_OUT
INT1
SPI_CS_B/WAKE_UP
INT2/EXT_TRIG
DNC
SPI_DATA
SCLK
SDA/SPI_MOSI/SPI_DATA
SCL/SCLK
Figure 24. Typical Application Circuit #3 – SPI 3-wire mode (software enabled; SENS_CONFIG1[SPI_M] = 1)
aaa-053943
C2
1.0 µF
C1
0.1 µF
R1
R2
1
2
3
4
5
10
11
12
9
8
7
6
VDD
VDD
BT_MODE
GND
n.c.
n.c.
GND
INTF_SEL
INT1/MOT_DET
SPI_CS_B/WAKE_UP
INT2/EXT_TRIG/BOOT_OUT
INT1
SPI_CS_B/WAKE_UP
INT2/EXT_TRIG
SA0/SPI_MISO
SPI_DATA
SCLK
SDA/SPI_MOSI/SPI_DATA
SCL/SCLK
Figure 25. Typical Application Circuit #4 – SPI 3-wire mode (hardwired; SENS_CONFIG1[SPI_M] = X)
Notes:
FXLS8961AF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
81 / 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com