Electronic Components Datasheet Search
  English  ▼

X  

FXLS8961AF Datasheet(PDF) 17 Page - NXP Semiconductors

Part # FXLS8961AF
Description  null3-Axis Low-g Accelerometer
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8961AF Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button FXLS8961AF Datasheet HTML 13Page - NXP Semiconductors FXLS8961AF Datasheet HTML 14Page - NXP Semiconductors FXLS8961AF Datasheet HTML 15Page - NXP Semiconductors FXLS8961AF Datasheet HTML 16Page - NXP Semiconductors FXLS8961AF Datasheet HTML 17Page - NXP Semiconductors FXLS8961AF Datasheet HTML 18Page - NXP Semiconductors FXLS8961AF Datasheet HTML 19Page - NXP Semiconductors FXLS8961AF Datasheet HTML 20Page - NXP Semiconductors FXLS8961AF Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 101 page
background image
NXP Semiconductors
FXLS8961AF
3-Axis Low-g Accelerometer
aaa-040836
70 %
30 %
70 %
30 %
70 %
30 %
70 %
30 %
70 %
30 %
70 %
30 %
70 %
30 %
Sr
P
S
SDA
SDA
SCL
SCL
S
9th clock
1st clock cycle
9th clock
1 / fSCL
tLOW
tSET
tf
t
tSU:DAT
tSU:STA
tHD:STA
tSU:STO
tVD:ACK
tBUF
tSP
tf
tHIGH
tVD:DAT
tHD:DAT
tr
continued
Figure 7. I2C secondary timing diagram for Standard-mode, Fast-mode and Fast-mode Plus
12.1.1 General I2C operation
There are two signals associated with the I2C-bus: the Serial Clock Line (SCL) and the Serial Data line (SDA).
SDA is a bidirectional signal used for sending and receiving the data to/from the interface. External pull-up
resistors connected to VDD are required for SDA and SCL. When the I2C-bus is free, SCL and SDA are high.
The maximum practical operating frequency for I2C in a given system implementation depends on several
factors including the pull-up resistor and voltage values and total bus capacitance (PCB trace + parasitic device
capacitances).
The primary starts a transaction on the bus through a start condition (ST) signal, which is defined as a HIGH-
to-LOW transition on SDA line while the SCL line is held HIGH. After the primary transmits the ST signal, the
bus is considered busy. The next byte of data transmitted contains the secondary address in the first seven
bits, and the eighth bit, the read/write bit, indicates whether the primary is receiving data from the secondary
or transmitting data to the secondary. When an address is sent, each device in the system compares the first
seven bits after the ST condition with its own address. If they match, the device considers itself addressed by
the primary. The ninth clock pulse, following the secondary address byte (and each subsequent byte) is the
acknowledge (ACK). The transmitter must release the SDA line during the ACK period. The receiver must then
pull the data line low so that it remains stable low during the high period of the acknowledge clock period.
The number of bytes per transfer is unlimited. If a receiver cannot receive another complete byte of data until
it has performed some other function, it can hold the SCL line low to force the transmitter into a wait state.
Data transfer only continues when the receiver is ready for another byte and releases the clock line. This delay
action is called clock stretching. Not all primary devices support clock stretching. This device implements clock
stretching—the SCL line may be stretched (pulled low) for up to 1 µs when needed during a read operation.
When applied, clock stretching occurs after the ACK issued by the I2C bus primary.
A LOW-to-HIGH transition on the SDA line while the SCL line is high is defined as a stop condition (SP) signal.
The primary issuing the SP signal always terminates a write or burst write. A primary should properly terminate
a read by not acknowledging a byte at the appropriate time in the protocol, followed by the SP signal. A primary
may also issue a repeated start signal (SR) during a transfer.
FXLS8961AF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
17 / 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com