Electronic Components Datasheet Search
  English  ▼

X  

FXLS8961AF Datasheet(PDF) 93 Page - NXP Semiconductors

Part # FXLS8961AF
Description  null3-Axis Low-g Accelerometer
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8961AF Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button FXLS8961AF Datasheet HTML 89Page - NXP Semiconductors FXLS8961AF Datasheet HTML 90Page - NXP Semiconductors FXLS8961AF Datasheet HTML 91Page - NXP Semiconductors FXLS8961AF Datasheet HTML 92Page - NXP Semiconductors FXLS8961AF Datasheet HTML 93Page - NXP Semiconductors FXLS8961AF Datasheet HTML 94Page - NXP Semiconductors FXLS8961AF Datasheet HTML 95Page - NXP Semiconductors FXLS8961AF Datasheet HTML 96Page - NXP Semiconductors FXLS8961AF Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 101 page
background image
NXP Semiconductors
FXLS8961AF
3-Axis Low-g Accelerometer
22 Revision history
Document ID
Release date
Description
FXLS8961AF v.2.1 7 March 2024
• FXLS8961AF v.2.1 supercedes FXLS8961AF v.2.
• FXLS8961AF v.2.1 is a product data sheet, revised the data sheet status from
"Preliminary" to "Product".
• Section 4.1, Table 2, revised "Tape and reel (1.5 k)" to "Tape and reel (1.25 k)"
in the "Shipping" column.
• Section 6.1, Figure 2, revised the image.
• Section 10, Table 8, IDDLPM, ODR = 6.25 Hz: revised "Typ" value "1.740.84" to
"1.74".
• Section 16.2, revised "slave" to "secondary" in two locations to conform to
NXP's Inclusive Language Initiative.
• Section 17.1, Figure 28, Figure 29, and Figure 30, updated the images to the
current SOT release.
• Section 19.1, Figure 31, Figure 32, and Figure 33, updated the images to the
current SOT release and removed "— Preliminary" from the figure title.
FXLS8961AF v.2
19 December 2023
• FXLS8961AF v.2 supercedes FXLS8961AF v.1.
• FXLS8961AF v.2 is a preliminary data sheet, revised the data sheet status from
"Objective" to "Preliminary".
• Section 2, Low-power capability feature: revised "≤ 1 μA IDD for ODRs up to
6.25 Hz" to "≤ 2 μA IDD for ODRs up to 6.25 Hz".
• Section 6.1, Figure 2, revised the image.
• Section 6.3, Figure 3, revised the image.
• Section 9, Table 7, revised as follows:
– SENTOL: revised as follows:
– Parameter: removed the footnote.
– Condtion: revised the value from "—" to "–40 °C to +105 °C".
– Min/Max values: revised the Min and Max values from "—" to "–12.5" and
"+12.5", respectively.
– TCS: revised as a follows:
– Symbol: revised the symbol name from "TCS" to "TCSPBM".
– Parameter: revised the parameter adding ", post board mount, FSR ≤ ± 4
g" and inserted a second footnote.
– Condition: inserted ", delta from 25 °C" to the condition.
– Min value: revised the Min value from "—" to "–0.03".
– Typ value: revised the Typ value from "±0.01" to "±0.005".
– Max value: revised the Max value from "—" to "0.03".
– OFFPBM: revised as follows:
– Conditions: revised "XY axes" to "–40 °C to +105 °C".
– Min value: revised the Min value from "—" to "–120".
– Max value: revised the Max value from "—" to "120".
– Conditions, Min, Typ, Max: removed Z axis in the condition field and
removed the associated Min, Typ, and Max values.
– TCOPBM:
– Parameter: inserted ", delta from 25 °C, FSR ≤ ± 4 g and inserted a
footnote.
– Conditions: revised "XY axes" to "–40 °C to +105 °C, delta from 25 °C".
– Min value: revised the Min value from "—" to "–0.8".
– Typ value: revised the Typ value from "0.25" to "0.20".
– Max value: revised the Max value from "—" to "0.8".
Table 122. Revision history
FXLS8961AF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
93 / 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com