Electronic Components Datasheet Search
  English  ▼

X  

FXLS8961AF Datasheet(PDF) 56 Page - NXP Semiconductors

Part # FXLS8961AF
Description  null3-Axis Low-g Accelerometer
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8961AF Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button FXLS8961AF Datasheet HTML 52Page - NXP Semiconductors FXLS8961AF Datasheet HTML 53Page - NXP Semiconductors FXLS8961AF Datasheet HTML 54Page - NXP Semiconductors FXLS8961AF Datasheet HTML 55Page - NXP Semiconductors FXLS8961AF Datasheet HTML 56Page - NXP Semiconductors FXLS8961AF Datasheet HTML 57Page - NXP Semiconductors FXLS8961AF Datasheet HTML 58Page - NXP Semiconductors FXLS8961AF Datasheet HTML 59Page - NXP Semiconductors FXLS8961AF Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 101 page
background image
NXP Semiconductors
FXLS8961AF
3-Axis Low-g Accelerometer
The sleep counter period corresponds to the selected WAKE mode ODR period when operating in LPM and
HPM, and to the effective ODR set by the WAKE decimation (measurement time) and WAKE idle time (off-time)
settings when the device operates in FPM. The auto-WAKE/SLEEP feature is only enabled when the value
written to ASLP_CNT is > 0.
SENS_CONFIG2[WAKE_PM] sets the WAKE power mode; SENS_CONFIG3[WAKE_ODR] sets the ODR.
When operating in Flexible Performance Mode,
SENS_CONFIG3[WAKE_DEC] and WAKE_IDLE[11:0] values
set the effective ODR.
SENS_CONFIG2[SLEEP_PM] sets the SLEEP power mode; SENS_CONFIG3[SLEEP_ODR] sets the ODR.
When operating in Flexible Performance Mode,
SENS_CONFIG3[SLEEP_DEC] and SLEEP_IDLE[11:0] values
set the effective ODR.
The functions used to detect inactivity and enter SLEEP mode upon expiry of the
ASLP_COUNT timer (see
Table 69) are selected in
SENS_CONFIG4 and BUF_CONFIG2. The same functions used to enter SLEEP are
also used to exit this mode when activity is detected except for the SRC_BUF event flag, which can only be
used to prevent/delay a transition from WAKE to SLEEP if the host system is reading data from the buffer (and
clearing SRC_BUF). A transition from SLEEP to WAKE mode occurs as soon as one of the enabled detection
events becomes active. See Table 70 for the corresponding Interrupt event sources.
Bit
7
6
5
4
3
2
1
0
Name
ASLP_COUNT[7:0]
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 65. ASLP_COUNT_LSB register (address 1Eh) bit allocation
Field
Description
7 to 0
ASLP_COUNT [7:0]
LSB of the 12-bit unsigned count value used for inactivity detection. The selected WAKE mode
ODR determines the counter period.
Table 66. ASLP_COUNT_LSB register (address 1Eh) bit description
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
ASLP_COUNT[11:8]
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 67. ASLP_COUNT_MSB register (address 1Fh) bit allocation
Field
Description
3 to 0
ASLP_COUNT [11:8]
MSB (nibble) of the 12-bit unsigned count value used for inactivity detection. The selected WAKE
mode ODR determines the counter period.
Table 68. ASLP_COUNT_MSB register (address 1Fh) bit description
FXLS8961AF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
56 / 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com